Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39111-B3802-H310 Datasheet(PDF) 4 Page - EPCOS

Part # B39111-B3802-H310
Description  SAW Components Low-loss Filter 110,0 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39111-B3802-H310 Datasheet(HTML) 4 Page - EPCOS

  B39111-B3802-H310 Datasheet HTML 1Page - EPCOS B39111-B3802-H310 Datasheet HTML 2Page - EPCOS B39111-B3802-H310 Datasheet HTML 3Page - EPCOS B39111-B3802-H310 Datasheet HTML 4Page - EPCOS B39111-B3802-H310 Datasheet HTML 5Page - EPCOS B39111-B3802-H310 Datasheet HTML 6Page - EPCOS B39111-B3802-H310 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Oct 11, 2002
SAW Components
B3802
110,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -10 ... 70 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
max.
Center frequency
fC
109,8
110,0
110,18 MHz
Minimum insertion attenuation
α
min
6,8
10,0
dB
Pass bandwidth
α
rel ≤3,0 dB
B3dB
3,75
4,0
MHz
α
rel ≤1,0 dB
B1dB
3,1
MHz
Amplitude ripple (max peak to adjacent valley)
∆α
fC ± 1,6 MHz
0,5
dB
Group delay ripple
∆τ
fC ± 1,6 MHz
45
80
ns
Relative attenuation (relative to
α
min)
α
rel
60,0 MHz ... 100,0 MHz
40
42
dB
100,0 MHz ... 105,5 MHz
36
41
dB
114,5 MHz ... 120,0 MHz
36
41
dB
120,0 MHz ... 160,0 MHz
38
43
dB
Temperature coefficient of frequency
TCf
–18
ppm/K


Similar Part No. - B39111-B3802-H310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39111-B4542-H310 EPCOS-B39111-B4542-H310 Datasheet
74Kb / 5P
   SAW Components Low-Loss Filter 110,59 MHz
B39111-B4937-U910 EPCOS-B39111-B4937-U910 Datasheet
90Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B39111-B8100-L100 EPCOS-B39111-B8100-L100 Datasheet
243Kb / 8P
   SAW Components Bandpass Filter 110,59 MHz
B39111-B8110-L100 EPCOS-B39111-B8110-L100 Datasheet
70Kb / 7P
   SAW Components Bandpass Filter 110,59 MHz
More results

Similar Description - B39111-B3802-H310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com