Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7016DH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA7016DH
Description  1.3GHz low voltage fractional-N synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016DH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA7016DH Datasheet HTML 7Page - NXP Semiconductors SA7016DH Datasheet HTML 8Page - NXP Semiconductors SA7016DH Datasheet HTML 9Page - NXP Semiconductors SA7016DH Datasheet HTML 10Page - NXP Semiconductors SA7016DH Datasheet HTML 11Page - NXP Semiconductors SA7016DH Datasheet HTML 12Page - NXP Semiconductors SA7016DH Datasheet HTML 13Page - NXP Semiconductors SA7016DH Datasheet HTML 14Page - NXP Semiconductors SA7016DH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
11
Serial programming bus
The serial input is a 3-wire input (CLOCK, STROBE, DATA) to
program all counter divide ratios, fractional compensation DAC,
selection and enable bits. The programming data is structured into
24 bit words; each word includes 2 or 3 address bits. Figure 8
shows the timing diagram of the serial input. When the STROBE
goes active HIGH, the clock is disabled and the data in the shift
register remains unchanged. Depending on the address bits, the
data is latched into different working registers or temporary
registers. In order to fully program the synthesizer, 3 words must be
sent: C, B, and A. Table 1 shows the format and the contents of
each word. The D word is normally used for testing purposes. When
sending the B-word, data bits FC7–0 for the fractional compensation
DAC are not loaded immediately. Instead they are stored in
temporary registers. Only when the A-word is loaded, these
temporary registers are loaded together with the main divider ratio.
Serial bus timing characteristics. See Figure 8.
VDD = VDDCP =+3.0V; Tamb = +25°C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Serial programming clock; CLK
tr
Input rise time
10
40
ns
tf
Input fall time
10
40
ns
Tcy
Clock period
100
ns
Enable programming; STROBE
tSTART
Delay to rising clock edge
40
ns
tW
Minimum inactive pulse width
1/fCOMP
ns
tSU;E
Enable set-up time to next clock edge
20
ns
Register serial input data; DATA
tSU;DAT
Input data to clock set-up time
20
ns
tHD;DAT
Input data to clock hold time
20
ns
Application information
SR01417
CLK
DATA
STROBE
ADDRESS
LSB
tSU;DAT
tHD;DAT
tr
tw
tf
tSU;E
tSTART
Tcy
MSB
Figure 8.
Serial Bus Timing Diagram


Similar Part No. - SA7016DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
logo
Polyfet RF Devices
SA701 POLYFET-SA701 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
NXP Semiconductors
SA701D PHILIPS-SA701D Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
SA701N PHILIPS-SA701N Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
logo
Polyfet RF Devices
SA701 POLYFET-SA701_14 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
More results

Similar Description - SA7016DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com