Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7025 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA7025
Description  Low-voltage 1GHz fractional-N synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7025 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA7025 Datasheet HTML 1Page - NXP Semiconductors SA7025 Datasheet HTML 2Page - NXP Semiconductors SA7025 Datasheet HTML 3Page - NXP Semiconductors SA7025 Datasheet HTML 4Page - NXP Semiconductors SA7025 Datasheet HTML 5Page - NXP Semiconductors SA7025 Datasheet HTML 6Page - NXP Semiconductors SA7025 Datasheet HTML 7Page - NXP Semiconductors SA7025 Datasheet HTML 8Page - NXP Semiconductors SA7025 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Philips Semiconductors
Product specification
SA7025
1GHz low-voltage Fractional-N synthesizer
1996 Aug 6
3
PIN DESCRIPTIONS
Symbol
Pin
Description
CLOCK
1
Serial clock input
DATA
2
Serial data input
STROBE
3
Serial strobe input
VSS
4
Digital ground
RFIN
5
Prescaler positive input
RFIN
6
Prescaler negative input
VCCP
7
Prescaler positive supply voltage. This pin supplies power to the prescaler and RF input buffer
REFIN
8
Reference divider input
RA
9
Auxiliary current setting; resistor to VSSA
AUXIN
10
Auxiliary divider input
PHA
11
Auxiliary phase detector output
VSSA
12
Analog ground
PHI
13
Integral phase detector output
PHP
14
Proportional phase detector output
VDDA
15
Analog supply voltage. This pin supplies power to the charge pumps, Auxiliary prescaler, Auxiliary and Reference
buffers.
RN
16
Main current setting; resistor to VSSA
RF
17
Fractional compensation current setting; resistor to VSSA
LOCK
18
Lock detector output
TEST
19
Test pin; connect to VDD
VDD
20
Digital supply voltage. This pin supplies power to the CMOS digital part of the device


Similar Part No. - SA7025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA702 PHILIPS-SA702 Datasheet
80Kb / 7P
   Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
logo
Polyfet RF Devices
SA702 POLYFET-SA702 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA7026DH PHILIPS-SA7026DH Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA702D PHILIPS-SA702D Datasheet
80Kb / 7P
   Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
More results

Similar Description - SA7025

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com