Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3817 Datasheet(PDF) 3 Page - EPCOS

Part # B3817
Description  SAW Components Low-loss Filter 208,0 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3817 Datasheet(HTML) 3 Page - EPCOS

  B3817 Datasheet HTML 1Page - EPCOS B3817 Datasheet HTML 2Page - EPCOS B3817 Datasheet HTML 3Page - EPCOS B3817 Datasheet HTML 4Page - EPCOS B3817 Datasheet HTML 5Page - EPCOS B3817 Datasheet HTML 6Page - EPCOS B3817 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 30, 2005
SAW Components
B3817
208,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 ... 70 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 200 Ω and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
208,0
MHz
Minimum insertion attenuation
α
min
(including matching network)
fN ± 1,92 MHz
11,7
13,0
dB
Passband width
α
rel ≤ 1 dB
B1dB
4,2
MHz
Amplitude ripple (p-p)
∆α
fN ± 1,92 MHz
0,7
1,0
dB
Phase ripple (p-p)
∆ϕ
fN ± 1,92 MHz
7
10
˚
Phase ripple (rms)
∆ϕ
fN ± 1,92 MHz
1,1
˚ rms
Absolute group delay
τ
mean
mean value within
fN ± 1,92 MHz
790
795
800
ns
Relative attenuation (relative to
α
min)
α
rel
fN ± 2,53 MHz ... fN ± 2,70 MHz
9
10
dB
fN ± 2,70 MHz ... fN ± 2,75 MHz
15
20
dB
fN ± 2,75 MHz ... fN ± 2,90 MHz
20
30
dB
fN ± 2,90 MHz ... fN ± 3,30 MHz
25
30
dB
fN ± 3,30 MHz ... fN ±
10 MHz
30
35
dB
fN ±
10 MHz ...
fN ±
28 MHz
40
50
dB
fN ±
28 MHz ...
fN ±
60 MHz
55
60
dB
Input IP3
40
dBm
Temperature coefficient of frequency1)
TCf
– 0,036
ppm/K2
Turnover temperature
T0
—25—
˚C


Similar Part No. - B3817

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
   Top view Chip LED
07/03/2017 Version 1.5
B3813BRG-H2C-00011K HARVATEK-B3813BRG-H2C-00011K Datasheet
683Kb / 15P
   Top view Chip LED
07/03/2017 Version 1.5
logo
EPCOS
B3815 EPCOS-B3815 Datasheet
73Kb / 7P
   SAW Components Low-loss Filter 385,0 MHz
More results

Similar Description - B3817

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5035 EPCOS-B5035 Datasheet
73Kb / 7P
   SAW Components Low-Loss Filter 208,0 MHz
B3646 EPCOS-B3646 Datasheet
60Kb / 5P
   SAW Components Low-loss Filter 208,0 MHz
B3848 EPCOS-B3848 Datasheet
64Kb / 6P
   SAW Components Low-Loss Filter 208,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com