Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7026 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA7026
Description  1.3GHz low voltage fractional-N dual frequency synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7026 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA7026 Datasheet HTML 7Page - NXP Semiconductors SA7026 Datasheet HTML 8Page - NXP Semiconductors SA7026 Datasheet HTML 9Page - NXP Semiconductors SA7026 Datasheet HTML 10Page - NXP Semiconductors SA7026 Datasheet HTML 11Page - NXP Semiconductors SA7026 Datasheet HTML 12Page - NXP Semiconductors SA7026 Datasheet HTML 13Page - NXP Semiconductors SA7026 Datasheet HTML 14Page - NXP Semiconductors SA7026 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
SA7026
1.3GHz low voltage fractional-N dual synthesizer
1999 Nov 04
11
Serial programming bus
The serial input is a 3-wire input (CLOCK, STROBE, DATA) to
program all counter divide ratios, fractional compensation DAC,
selection and enable bits. The programming data is structured into
24 bit words; each word includes 2 or 3 address bits. Figure 8
shows the timing diagram of the serial input. When the STROBE
goes active HIGH, the clock is disabled and the data in the shift
register remains unchanged. Depending on the address bits, the
data is latched into different working registers or temporary
registers. In order to fully program the synthesizer, 3 words must be
sent: C, B, and A. Table 1 shows the format and the contents of
each word. The D word is normally used for testing purposes. When
sending the B-word, data bits FC7–0 for the fractional compensation
DAC are not loaded immediately. Instead they are stored in
temporary registers. Only when the A-word is loaded, these
temporary registers are loaded together with the main divider ratio.
Serial bus timing characteristics. See Figure 8.
VDD = VDDCP =+3.0V; Tamb = +25°C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Serial programming clock; CLK
tr
Input rise time
10
40
ns
tf
Input fall time
10
40
ns
Tcy
Clock period
100
ns
Enable programming; STROBE
tSTART
Delay to rising clock edge
40
ns
tW
Minimum inactive pulse width
1/fCOMP
ns
tSU;E
Enable set-up time to next clock edge
20
ns
Register serial input data; DATA
tSU;DAT
Input data to clock set-up time
20
ns
tHD;DAT
Input data to clock hold time
20
ns
Application information
SR01417
CLK
DATA
STROBE
ADDRESS
LSB
tSU;DAT
tHD;DAT
tr
tw
tf
tSU;E
tSTART
Tcy
MSB
Figure 8.
Serial Bus Timing Diagram


Similar Part No. - SA7026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA702 PHILIPS-SA702 Datasheet
80Kb / 7P
   Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
logo
Polyfet RF Devices
SA702 POLYFET-SA702 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
NXP Semiconductors
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7025DK PHILIPS-SA7025DK Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA702D PHILIPS-SA702D Datasheet
80Kb / 7P
   Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
More results

Similar Description - SA7026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com