Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3823 Datasheet(PDF) 4 Page - EPCOS

Part # B3823
Description  SAW Components Low-loss Filter 397,5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3823 Datasheet(HTML) 4 Page - EPCOS

  B3823 Datasheet HTML 1Page - EPCOS B3823 Datasheet HTML 2Page - EPCOS B3823 Datasheet HTML 3Page - EPCOS B3823 Datasheet HTML 4Page - EPCOS B3823 Datasheet HTML 5Page - EPCOS B3823 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Jun 25, 2001
SAW Components
B3823
397,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -30 ... +70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
397,5
MHz
Maximum insertion attenuation
α
max
395,0 MHz ... 400,0 MHz
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
395,0 MHz ... 400,0 MHz
0,8
2,0
dB
Return loss (Input and Output)
395,0 MHz ... 400,0 MHz
12,0
13,0
dB
VSWR
395,0 MHz ... 400,0 MHz
1,6:1
2,0:1
Absolute attenuation
α
abs
0,1 MHz ... 355,0 MHz
40
60
dB
355,0 MHz ... 390,0 MHz
25
35
dB
435,0 MHz ... 885,0 MHz
40
50
dB
885,0 MHz ... 2000,0 MHz
20
35
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K


Similar Part No. - B3823

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3821 EPCOS-B3821 Datasheet
58Kb / 6P
   SAW Components Low-loss Filter 860,5 MHz
B3822 EPCOS-B3822 Datasheet
59Kb / 6P
   SAW Components Low-loss Filter 392,5 MHz
B3822 EPCOS-B3822 Datasheet
84Kb / 9P
   SAW filter Trunked Radio
B3822 EPCOS-B3822_1 Datasheet
84Kb / 9P
   SAW filter Trunked Radio
B3824 EPCOS-B3824 Datasheet
54Kb / 5P
   Low-Loss Filter
More results

Similar Description - B3823

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com