Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8026 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA8026
Description  2.5GHz low voltage fractional-N dual frequency synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8026 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA8026 Datasheet HTML 1Page - NXP Semiconductors SA8026 Datasheet HTML 2Page - NXP Semiconductors SA8026 Datasheet HTML 3Page - NXP Semiconductors SA8026 Datasheet HTML 4Page - NXP Semiconductors SA8026 Datasheet HTML 5Page - NXP Semiconductors SA8026 Datasheet HTML 6Page - NXP Semiconductors SA8026 Datasheet HTML 7Page - NXP Semiconductors SA8026 Datasheet HTML 8Page - NXP Semiconductors SA8026 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product specification
SA8026
2.5GHz low voltage fractional-N dual frequency
synthesizer
1999 Nov 04
3
VDD
SR01496
CLOCK
DATA
STROBE
RFin+
RFin–
REFin+
REFin–
AUXin
TEST
LOAD SIGNALS
ADDRESS DECODER
2–BIT SHIFT
REGISTER
22–BIT SHIFT
REGISTER
CONTROL
LATCH
LATCH
MAIN DIVIDER
SM
REFERENCE
DIVIDER
22 2 2
LATCH
AMP
AMP
15
16
6
5
19
18
17
12
2
LATCH
AUX DIVIDER
PHASE
DETECTOR
PHASE
DETECTOR
COMP
PUMP
BIAS
PUMP
CURRENT
SETTING
13
VDDCP
GND
4
SA
7, 10
3
GNDCP
RSET
PHP
PHI
LOCK
PHA
14
8
9
1
11
PON
20
Figure 2.
Block Diagram
PINNING
SYMBOL
PIN
DESCRIPTION
LOCK
1
Lock detect output
TEST
2
Test (should be either grounded or
connected to VDD)
VDD
3
Digital supply
GND
4
Digital ground
RFin+
5
RF input to main divider
RFin–
6
RF input to main divider
GNDCP
7
Charge pump ground
PHP
8
Main normal charge pump
PHI
9
Main integral charge pump
GNDCP
10
Charge pump ground
SYMBOL
PIN
DESCRIPTION
PHA
11
Auxiliary charge pump output
AUXin
12
Input to auxiliary divider
VDDCP
13
Charge pump supply voltage
RSET
14
External resistor from this pin to ground
sets the charge pump current
REFin–
15
Reference input
REFin+
16
Reference input
CLOCK
17
Programming bus clock input
DATA
18
Programming bus data input
STROBE
19
Programming bus enable input
PON
20
Power down control


Similar Part No. - SA8026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8025ADK PHILIPS-SA8025ADK Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027DH PHILIPS-SA8027DH Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027W PHILIPS-SA8027W Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
More results

Similar Description - SA8026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com