Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C580IQ48 Datasheet(PDF) 2 Page - Exar Corporation

Part # ST16C580IQ48
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580IQ48 Datasheet(HTML) 2 Page - Exar Corporation

  ST16C580IQ48 Datasheet HTML 1Page - Exar Corporation ST16C580IQ48 Datasheet HTML 2Page - Exar Corporation ST16C580IQ48 Datasheet HTML 3Page - Exar Corporation ST16C580IQ48 Datasheet HTML 4Page - Exar Corporation ST16C580IQ48 Datasheet HTML 5Page - Exar Corporation ST16C580IQ48 Datasheet HTML 6Page - Exar Corporation ST16C580IQ48 Datasheet HTML 7Page - Exar Corporation ST16C580IQ48 Datasheet HTML 8Page - Exar Corporation ST16C580IQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ST16C580
2
Rev. 1.22
D0-D7
-IOR,IOR
-IOW,IOW
RESET
A0-A2
-AS
CS0,CS1
-CS2
INT
-RXRDY
-TXRDY
-DTR,-RTS
-OP1,-OP2
-CTS
-RI
-CD
-DSR
TX
RX
Modem
Control
Logic
Transmit
FIFO
Registers
Flow
Control
Logic
Transmit
Shift
Register
Receive
FIFO
Registers
Flow
Control
Logic
Receive
Shift
Register
XTAL1
RCLK
XTAL2
-BAUDOUT
-DDIS
Ir
Encoder
Ir
Decoder
Figure 2, BLOCK DIAGRAM


Similar Part No. - ST16C580IQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C580IQ48 EXAR-ST16C580IQ48 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
More results

Similar Description - ST16C580IQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
NXP Semiconductors
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com