Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C2450CP40 Datasheet(PDF) 4 Page - Exar Corporation

Part # ST16C2450CP40
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450CP40 Datasheet(HTML) 4 Page - Exar Corporation

  ST16C2450CP40 Datasheet HTML 1Page - Exar Corporation ST16C2450CP40 Datasheet HTML 2Page - Exar Corporation ST16C2450CP40 Datasheet HTML 3Page - Exar Corporation ST16C2450CP40 Datasheet HTML 4Page - Exar Corporation ST16C2450CP40 Datasheet HTML 5Page - Exar Corporation ST16C2450CP40 Datasheet HTML 6Page - Exar Corporation ST16C2450CP40 Datasheet HTML 7Page - Exar Corporation ST16C2450CP40 Datasheet HTML 8Page - Exar Corporation ST16C2450CP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ST16C2450
xr
2.97V TO 5.5V DUART
REV. 4.0.1
4
DTRA#
37
34
O
UART channel A Data-Terminal-Ready (active low) or general purpose
output. If it is not used, leave it unconnected.
DSRA#
41
39
I
UART channel A Data-Set-Ready (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
CDA#
42
40
I
UART channel A Carrier-Detect (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
RIA#
43
41
I
UART channel A Ring-Indicator (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
OP2A#
35
32
O
Output Port 2 Channel A - The output state is defined by the user and
through the software setting of MCR[3]. INTA is set to the active mode
and OP2A# output to a logic 0 when MCR[3] is set to a logic 1. INTA is
set to the three state mode and OP2A# to a logic 1 when MCR[3] is set
to a logic 0. This output should not be used as a general output else it
will disturb the INTA output functionality. If it is not used at all, leave it
unconnected.
TXB
14
8
O
UART channel B Transmit Data. If it is not used, leave it unconnected.
RXB
10
4
I
UART channel B Receive Data. Normal receive data input must idle at
logic 1 condition. If it is not used, tie it to VCC or pull it high via a 100k
ohm resistor.
RTSB#
27
22
O
UART channel B Request-to-Send (active low) or general purpose out-
put. If it is not used, leave it unconnected.
CTSB#
28
23
I
UART channel B Clear-to-Send (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
DTRB#
38
35
O
UART channel B Data-Terminal-Ready (active low) or general purpose
output. If it is not used, leave it unconnected.
DSRB#
25
20
I
UART channel B Data-Set-Ready (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
CDB#
21
16
I
UART channel B Carrier-Detect (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
RIB#
26
21
I
UART channel B Ring-Indicator (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
OP2B#
15
9
O
Output Port 2 Channel B - The output state is defined by the user and
through the software setting of MCR[3]. INTB is set to the active mode
and OP2B# output to a logic 0 when MCR[3] is set to a logic 1. INTB is
set to the three state mode and OP2B# to a logic 1 when MCR[3] is set
to a logic 0. This output should not be used as a general output else it
will disturb the INTB output functionality. If it is not used, leave it uncon-
nected.
Pin Description
NAME
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - ST16C2450CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450CP40 EXAR-ST16C2450CP40 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Similar Description - ST16C2450CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com