Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C550IQ48 Datasheet(PDF) 6 Page - Exar Corporation

Part # ST16C550IQ48
Description  UART WITH 16-BYTE FIFO?셲
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C550IQ48 Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST16C550IQ48 Datasheet HTML 2Page - Exar Corporation ST16C550IQ48 Datasheet HTML 3Page - Exar Corporation ST16C550IQ48 Datasheet HTML 4Page - Exar Corporation ST16C550IQ48 Datasheet HTML 5Page - Exar Corporation ST16C550IQ48 Datasheet HTML 6Page - Exar Corporation ST16C550IQ48 Datasheet HTML 7Page - Exar Corporation ST16C550IQ48 Datasheet HTML 8Page - Exar Corporation ST16C550IQ48 Datasheet HTML 9Page - Exar Corporation ST16C550IQ48 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ST16C550
6
Rev. 5.01
Symbol
Pin
Signal
Pin Description
40
44
48
type
SYMBOL DESCRIPTION
-DDIS
23
26
22
O
Drive Disable. This pin goes to a logic 0 when the external
CPU is reading data from the ST16C550. This signal can be
used to disable external transceivers or other logic func-
tions.
-OP1
34
38
34
O
Output-1 (User Defined) - See bit-2 of modem control
register (MCR bit-2).
RESET
35
39
35
I
Reset. (active high) - A logic 1 on this pin will reset the
internal registers and all the outputs. The UART transmitter
output and the receiver input will be disabled during reset
time. (See ST16C550 External Reset Conditions for initial-
ization details.)
RCLK
9
10
5
I
Receive Clock Input. This pin is used as external 16X clock
input to the receiver section. External connection to -
Baudout pin is required in order to utilize the internal baud
rate generator.
-OP2
31
35
31
O
Output-2 (User Defined). This pin provides the user a
general purpose output. See bit-3 modem control register
(MCR bit-3).
VCC
40
44
42
Pwr
Power Supply Input.
XTAL1
16
18
14
I
Crystal or External Clock Input - Functions as a crystal input
or as an external clock input. A crystal can be connected
between this pin and XTAL2 to form an internal oscillator
circuit. An external 1 M
Ω resistor is required between the
XTAL1 and XTAL2 pins (see figure 3). Alternatively, an
external clock can be connected to this pin to provide
custom data rates (Programming Baud Rate Generator
section).
XTAL2
17
19
15
O
Output of the Crystal Oscillator or Buffered Clock - (See also
XTAL1). Crystal oscillator output or buffered clock output.
-CD
38
42
40
I
Carrier Detect (active low) - A logic 0 on this pin indicates
that a carrier has been detected by the modem.


Similar Part No. - ST16C550IQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550IQ48 EXAR-ST16C550IQ48 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results

Similar Description - ST16C550IQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com