Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C650AIJ44 Datasheet(PDF) 2 Page - Exar Corporation

Part # ST16C650AIJ44
Description  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650AIJ44 Datasheet(HTML) 2 Page - Exar Corporation

  ST16C650AIJ44 Datasheet HTML 1Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 2Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 3Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 4Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 5Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 6Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 7Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 8Page - Exar Corporation ST16C650AIJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ST16C650A
xr
2.90V TO 5.5V UART WITH 32-BYTE FIFO
REV. 5.0.1
2
FIGURE 2. INTEL AND PC MODE PIN OUT
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING
TEMPERATURE
RANGE
DEVICE STATUS
ST16C650ACJ44
44-Lead PLCC
0°C to +70°C
Active
ST16C650ACQ48
48-Lead TQFP
0°C to +70°C
Active
ST16C650AIJ44
44-Lead PLCC
-40°C to +85°C Active
ST16C650AIQ48
48-Lead TQFP
-40°C to +85°C Active
44-PLCC PACKAGE
48-TQFP PACKAGE
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
N.C.
D5
D6
D7
RCLK
N.C.
RX
TX
CS0
CS1
-CS2
-BAUDOUT
SEL
RESET
OP1#
DTR#
RTS#
OP2#
INT
RXRDY#
A0
A1
A2
N.C.
ST16C650ACQ48
Intel Bus Mode (SEL = VCC)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
N.C.
D5
D6
D7
S2
A4
RX
TX
A5
A6
A7
LPT1#
SEL
RESET
OP1#
DTR#
RTS#
S3
IRQA
IRQB
A0
A1
A2
N.C.
ST16C650ACQ48
PC Mode (SEL = GND)
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
RCLK
RX
N.C.
TX
CS0
CS1
CS2#
BAUDOUT#
RESET
OP1#
DTR#
RTS#
OP2#
SEL
INT
RXRDY#
A0
A1
A2
ST16C650ACJ44
Intel Bus Mode (SEL = VCC)
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
S2
RX
A4
TX
A5
A6
A7
LPT1#
RESET
OP1#
DTR#
RTS#
S3
SEL
IRQA
IRQB
A0
A1
A2
ST16C650ACJ44
PC Mode (SEL = GND)


Similar Part No. - ST16C650AIJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIJ44 EXAR-ST16C650AIJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Similar Description - ST16C650AIJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A_09 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com