Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T499A475K010AGE1K5 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T499A475K010AGE1K5
Description  Tantalum Chip Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T499A475K010AGE1K5 Datasheet(HTML) 1 Page - Kemet Corporation

  T499A475K010AGE1K5 Datasheet HTML 1Page - Kemet Corporation T499A475K010AGE1K5 Datasheet HTML 2Page - Kemet Corporation T499A475K010AGE1K5 Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T499 Series - KEMET High Temperature (175°C)
Tantalum Chip Capacitor
• 175°C Maximum Temperature Capability
• 100% Accelerated steady state aging
• Derating: 0.5 Vr at 175°C
• 100% Surge current testing
• Self-healing mechanism
• EIA standard case size
• Capacitance: 0.15 to 220μF
• Voltage 6 to 50V
• Various termination options
• Pb-free/RoHS Compliant: Available
Dimensions - Millimeters (Inches)
Outline Drawings
Features
T499 Ordering Information
Case Size
Component
KEMET
EIA
L*
W*
H*
K*
± 0.20
± (.008)
F*
±0.1
± (.004)
S*
± 0.3
± (.012)
B (Ref)
± 0.15
± (.004)
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
A
3216-18
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6 ± 0.2
(.063 ± .008)
0.9
(.035)
1.2
(.047)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.4
(.016)
0.4
(.016)
0.13
(.005)
1.4
(.055)
1.1
(.043)
1.3
(.051)
B
3528-21
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.9 ± 0.2
(.075 ± .008)
1.1
(.043)
2.2
(.087)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.5
(.020)
1.0
(.039)
0.13
(.005)
2.1
(.083)
1.8
(.071)
2.2
(.087)
C
6032-28
6.0 ± 0.3
(.236 ± .012)
3.2 ± 0.3
(.126 ± .012)
2.5 ± 0.3
.098 ± .012
1.4
(.055)
2.2
(.087)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.1
(.122)
2.8
(.110)
2.4
(.094)
D
7343-31
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(.110 ± .012)
1.5
(.059)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
X
7343-43
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
4.0 ± 0.3
(.157 ± .012)
2.3
(.091)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
1.7
(.067)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
T
499
X
227
M
010
A
T
E500
Tantalum
Series
499 – High Temp (175°C)
Case Size
A,B,C,D,X
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros.
Capacitance Tolerance
M = ±20%
K = ±10%
Voltage
Note: 006 = 6.3
Failure Rate
A = Not Applicable
Lead Material
T = 100% Tin (Sn) Plated
H = Tin/Lead (SnPb 5% Pb minimum)
G = Gold
ESR
Note: in mOhm
K designates “thousand”
E1K5 = 1.5 Ohm
E500 = 0.5 Ohm
E15K = 15.0 Ohm
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
Product Bulletin
F3270 12/05


Similar Part No. - T499A475K010AGE1K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499A475K010ATE6K0 KEMET-T499A475K010ATE6K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 4.7 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 1.8mm
More results

Similar Description - T499A475K010AGE1K5

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211P-016 ABRACON-ATCC-211P-016 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
logo
AVX Corporation
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com