Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39171-B3855-Z710 Datasheet(PDF) 3 Page - EPCOS

Part # B39171-B3855-Z710
Description  SAW Components Low-Loss Filter 169,00 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39171-B3855-Z710 Datasheet(HTML) 3 Page - EPCOS

  B39171-B3855-Z710 Datasheet HTML 1Page - EPCOS B39171-B3855-Z710 Datasheet HTML 2Page - EPCOS B39171-B3855-Z710 Datasheet HTML 3Page - EPCOS B39171-B3855-Z710 Datasheet HTML 4Page - EPCOS B39171-B3855-Z710 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 31, 2005
SAW Components
B3855
169,00 MHz
Low Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -40 ... +85 ˚C
Terminating source impedance:
ZS = 200 Ω and matching network
Terminating load impedance:
ZL = 200 Ω and matching network
Group delay aperture:
150 kHz
min.
typ.
max.
Nominal frequency
fN
169,00
MHz
Minimum insertion attenuation
α
min
1,5
2,0
3,5
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
7,5
MHz
Amplitude ripple (p-p)
∆α
fN ± 2,0 MHz
0,2
0,5
dB
Group delay ripple (p-p)
∆τ
fN ± 2,0 MHz
40
80
ns
Absolute group delay
τ
mean value within
fN ± 2,0 MHz
127
130
137
ns
Relative attenuation (relative to
α
min)
α
rel
10 MHz
...
144 MHz
40
50
dB
144 MHz
...
148 MHz
20
40
dB
190 MHz
...
194 MHz
20
50
dB
194 MHz
...
2,0 GHz
40
45
dB
2,0 GHz
...
2,5 GHz
35
40
dB
VSWR
2,0:1
2,5:1
Impedance at fN (without matching)
Input:
ZIN = RIN || CIN
690 || 1,3
Ω || pF
Output: ZOUT=ROUT || COUT
580 || 1,1
Ω || pF
Temperature coefficient of frequency
TCf
– 70
ppm/K


Similar Part No. - B39171-B3855-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39171-B3804-U210 EPCOS-B39171-B3804-U210 Datasheet
84Kb / 7P
   SAW Components Low-loss Filter 170,2 MHz
B39171-B3841-U210 EPCOS-B39171-B3841-U210 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B39171-B3876-U310 EPCOS-B39171-B3876-U310 Datasheet
71Kb / 7P
   SAW Components Low-Loss Filter 174,20 MHz
B39171-B3881-Z710 EPCOS-B39171-B3881-Z710 Datasheet
73Kb / 7P
   SAW Components Low-Loss Filter 168,96 MHz
B39171-B3882-Z710 EPCOS-B39171-B3882-Z710 Datasheet
72Kb / 6P
   Low-Loss Filter
More results

Similar Description - B39171-B3855-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com