Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3895 Datasheet(PDF) 3 Page - EPCOS

Part # B3895
Description  SAW Components Low-Loss Filter 204,0 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3895 Datasheet(HTML) 3 Page - EPCOS

  B3895 Datasheet HTML 1Page - EPCOS B3895 Datasheet HTML 2Page - EPCOS B3895 Datasheet HTML 3Page - EPCOS B3895 Datasheet HTML 4Page - EPCOS B3895 Datasheet HTML 5Page - EPCOS B3895 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 25, 2003
SAW Components
B3895
204,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 .. 70 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
204,0
MHz
Minimum insertion attenuation
α
min
9,0
10,0
dB
Pass bandwidth
α
rel
≤ 1,0 dB
B1dB
700
kHz
α
rel
≤ 3,0 dB
B3dB
1150
kHz
Amplitude ripple (p-p)
∆α
fN ± 250 kHz
0,5
1,0
dB
Absolute group delay
τ
@
fN
0,8
µs
Group delay ripple (p-p)
∆τ
fN ± 250 kHz
30
100
ns
Relative attenuation (relative to
α
min)
α
rel
fN − 10,0 MHz ... fN − 2,0 MHz
45
48
dB
fN + 2,0 MHz ... fN + 3,5 MHz
45
50
dB
fN + 3,5 MHz ... fN + 4,5 MHz
44
46
dB
fN + 4,5 MHz ... fN + 10,0 MHz
45
48
dB
Temperature coefficient of frequency 1)
TCf
–0,036
ppm/K2
Turnover temperature
T0
—35
˚C


Similar Part No. - B3895

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3891 EPCOS-B3891 Datasheet
66Kb / 7P
   SAW Components Low-Loss Filter 71,0 MHz
B3892 EPCOS-B3892 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter 248,6 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3893 EPCOS-B3893 Datasheet
58Kb / 7P
   SAW IF filter GSM
B3893 EPCOS-B3893_1 Datasheet
58Kb / 7P
   SAW IF filter GSM
More results

Similar Description - B3895

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
   SAW Components Low-Loss Filter 204,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com