Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39901-B4179-U510 Datasheet(PDF) 3 Page - EPCOS

Part # B39901-B4179-U510
Description  SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39901-B4179-U510 Datasheet(HTML) 3 Page - EPCOS

  B39901-B4179-U510 Datasheet HTML 1Page - EPCOS B39901-B4179-U510 Datasheet HTML 2Page - EPCOS B39901-B4179-U510 Datasheet HTML 3Page - EPCOS B39901-B4179-U510 Datasheet HTML 4Page - EPCOS B39901-B4179-U510 Datasheet HTML 5Page - EPCOS B39901-B4179-U510 Datasheet HTML 6Page - EPCOS B39901-B4179-U510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Dec 05, 2001
SAW Components
B4179
897,5 MHz
Low-Loss Filter for Mobile Communication
Data sheet
Characteristics
Operating temperature range:
T
= 25 +- 2 ˚C
Terminating source impedance:
ZS = 100 Ω
including matching network
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
897,5
MHz
Maximum insertion attenuation
α
max
880,0
... 915,0
MHz
2,6
3,0
dB
Amplitude ripple (p-p)
∆α
880,0
... 915,0
MHz
0,9
1,3
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
880,0
... 915,0
MHz
-7
7
degree
Output amplitude balance
(|S31/S21|)
880,0
... 915,0
MHz
-1,0
1,0
dB
Input VSWR
880,0
... 915,0
MHz
1,6
2,0
Output VSWR
880,0
... 915,0
MHz
1,8
2,0
Attenuation
α
0,0
... 800,0
MHz
45
60
dB
800,0
... 860,0
MHz
30
50
dB
925,0
... 935,0
MHz
9
12
dB
935,0
... 960,0
MHz
20
30
dB
960,0
...1850,0
MHz
30
40
dB
1850,0
...3660,0
MHz
20
30
dB
3660,0
...6000,0
MHz
10
23
dB
Test matching network
Lp = 27 nH
(20% tolerance, Q = 30 )
Lp


Similar Part No. - B39901-B4179-U510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39901-B4130-U410 EPCOS-B39901-B4130-U410 Datasheet
110Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B39901-B4181-U410 EPCOS-B39901-B4181-U410 Datasheet
66Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
More results

Similar Description - B39901-B4179-U510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4181 EPCOS-B4181 Datasheet
66Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B4130 EPCOS-B4130 Datasheet
110Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com