Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5011 Datasheet(PDF) 2 Page - EPCOS

Part # B5011
Description  SAW Components Low-Loss Filter for WiMAX 456.00 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5011 Datasheet(HTML) 2 Page - EPCOS

  B5011 Datasheet HTML 1Page - EPCOS B5011 Datasheet HTML 2Page - EPCOS B5011 Datasheet HTML 3Page - EPCOS B5011 Datasheet HTML 4Page - EPCOS B5011 Datasheet HTML 5Page - EPCOS B5011 Datasheet HTML 6Page - EPCOS B5011 Datasheet HTML 7Page - EPCOS B5011 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Nov 28, 2005
B5011
456.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter for WiMAX
Data Sheet
Application
s
Low-loss IF filter for WiMAX
s
Usable bandwidth 3.7 MHz
s
Ceramic SMD package
Features
s
Package size 7.0 x 5.0 x 1.33 mm3
s
Package code QCC12E
s
RoHS compatible
s
Approx. weight 0.2 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
Pin configuration
s
10
Input
s
12
Input ground or balanced input
s
4
Output
s
6
Output ground or balanced output
s
2, 3, 8, 9
Ground
s
1, 5, 7, 11
Case ground


Similar Part No. - B5011

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5011 EPCOS-B5011 Datasheet
78Kb / 8P
   SAW IF Filter WiMAX
B5011 EPCOS-B5011_1 Datasheet
78Kb / 8P
   SAW IF Filter WiMAX
More results

Similar Description - B5011

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5032 EPCOS-B5032 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 456.00 MHz
B5033 EPCOS-B5033 Datasheet
79Kb / 8P
   SAW Components Low-Loss Filter for WiMAX 556.00 MHz
logo
Murata Manufacturing Co...
SF2073B MURATA-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
SF2042B MURATA-SF2042B Datasheet
126Kb / 3P
   456.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF2042B RFM-SF2042B Datasheet
126Kb / 3P
   456.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2126E MURATA-SF2126E Datasheet
248Kb / 4P
   Low-loss SAW Filter for Wimax Application
logo
RF Monolithics, Inc
SF2073B RFM-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
SF2042C RFM-SF2042C Datasheet
477Kb / 3P
   456.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2042C MURATA-SF2042C Datasheet
477Kb / 3P
   456.00 MHz SAW Filter
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com