Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39121-B5014-Z710 Datasheet(PDF) 7 Page - EPCOS

Part # B39121-B5014-Z710
Description  SAW Components Low-Loss Filter 119,6 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39121-B5014-Z710 Datasheet(HTML) 7 Page - EPCOS

  B39121-B5014-Z710 Datasheet HTML 1Page - EPCOS B39121-B5014-Z710 Datasheet HTML 2Page - EPCOS B39121-B5014-Z710 Datasheet HTML 3Page - EPCOS B39121-B5014-Z710 Datasheet HTML 4Page - EPCOS B39121-B5014-Z710 Datasheet HTML 5Page - EPCOS B39121-B5014-Z710 Datasheet HTML 6Page - EPCOS B39121-B5014-Z710 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Sep 29, 2004
SAW Components
B5014
119,6 MHz
Low-Loss Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC PD
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2004. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39121-B5014-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39121-B3850-H510 EPCOS-B39121-B3850-H510 Datasheet
64Kb / 6P
   SAW Components Low-Loss Filter 125,00 MHz
B39121-B3864-H510 EPCOS-B39121-B3864-H510 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 119,6 MHz
B39121-B3886-H310 EPCOS-B39121-B3886-H310 Datasheet
69Kb / 6P
   SAW Components Low-Loss Filter 121,00 MHz
More results

Similar Description - B39121-B5014-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3864 EPCOS-B3864 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 119,6 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com