Electronic Components Datasheet Search |
|
T510E106K035ASE030 Datasheet(PDF) 3 Page - Kemet Corporation |
|
T510E106K035ASE030 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 5 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 Tape & Reel Packaging KEMET’s Molded Tantalum and Aluminum Chip Capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with EIA Standard 481-1: Taping of Surface Mount Components for Automatic Handling. This packaging system is compatible with all tape fed automatic pick and place systems. Right Hand Orientation Only (+) (–) Embossed Carrier Embossment Top Tape Thickness .10mm (.004") Max Thickness 8mm ±.30 (.315 ±.012") or 12mm ±.30 (.472 ±.012") 178mm (7.00") or 330mm (13.00") 8mm (0.315") or 12mm (0.472") 180mm (7.0") or 330mm (13.0") QUANTITIES PACKAGED PER REEL Case Code Tape KEMET EIA Width-mm 7" Reel* 13" Reel* R 2012-12 8 2,500 10,000 S 3216-12 8 2,500 10,000 T 3528-12 8 2,500 10,000 U 6032-15 12 1,000 5,000 W 7343-15 12 1,000 3,000 V 7343-20 12 1,000 3,000 A 3216-18 8 2,000 9,000 B 3528-21 8 2,000 8,000 C 6032-28 12 500 3,000 D 7343-31 12 500 2,500 Y 7343-40 12 500 2,000 X 7343-43 12 500 2,000 E 7260-38 12 500 2,000 * No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556. TANTALUM AND ALUMINUM CHIP CAPACITORS Packaging Information * Standard reel packaging is not mandatory. * Bulk packaging also available using C-7610. 92 |
Similar Part No. - T510E106K035ASE030 |
|
Similar Description - T510E106K035ASE030 |