Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD87L75 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRD87L75
Description  Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD87L75 Datasheet(HTML) 4 Page - Exar Corporation

  XRD87L75 Datasheet HTML 1Page - Exar Corporation XRD87L75 Datasheet HTML 2Page - Exar Corporation XRD87L75 Datasheet HTML 3Page - Exar Corporation XRD87L75 Datasheet HTML 4Page - Exar Corporation XRD87L75 Datasheet HTML 5Page - Exar Corporation XRD87L75 Datasheet HTML 6Page - Exar Corporation XRD87L75 Datasheet HTML 7Page - Exar Corporation XRD87L75 Datasheet HTML 8Page - Exar Corporation XRD87L75 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
XRD87L75
4
Rev. 1.00
ELECTRICAL CHARACTERISTICS TABLE (CONT'D)
UNLESS OTHERWISE SPECIFIED: AV
DD = DVDD = 3.3V, FS = 6MHz (50% DUTY CYCLE),
V
RT = 2.5V, VRB = 0.5V, TA = 25°C
25°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comments
ACPARAMETERS
Differential Gain Error
d
G
2
%
FS = 4 x NTSC
Differential Phase Error
d
PH
1
Degree
FS = 4 x NTSC
POWER SUPPLIES
Operating Voltage (AV
DD, DVDD)
9
V
DD
3
3.3
3.6
V
Current (AGND + DGND)
I
DD
8
12
mA
Does not include ref. current
NOTES
1. The difference between the measured and the ideal code width (V
REF/256) is the DNL error (Figure 3). The INL error is the maximum distance (in LSBs) from the best fit line to any transition
voltage (Figure 4). Accuracy is a function of the sampling rate (FS).
2. Guaranteed, not tested.
3. Specified values guarantee functionality. Refer to other parameters for accuracy.
4. –1dB bandwidth is a measure of performance of the A/D input stage (S/H + amplifier). Refer to other parameters for accuracy within the specified bandwidth.
5. See V
IN input equivalent circuit (Figure 5). Switched capacitor analog input requires driver with low output resistance.
6. All inputs have diodes to DV
DD and DGND. Input DC currents will not exceed specified limits for any input voltage between DGND and DVDD .
7. t
R , tF should be limited to >5ns for best results.
8. Depends on the RC load connected to the output pin.
9. AGND & DGND pins are connected through the silicon substrate. Connect together at the package and to the analog ground plane.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS (T
A = +25
°C unless otherwise noted)1, 2, 3
V
DD to GND ....................................................... 5.5V
V
RT & V RB ......................... VDD +0.5 to GND –0.5V
V
IN
..................................... V
DD +0.5 to GND –0.5V
All Inputs ............................ V
DD +0.5 to GND –0.5V
All Outputs ......................... V
DD +0.5 to GND –0.5V
Storage Temperature .........................–65 to +150°C
Lead Temperature (Soldering 10 seconds) ... +300°C
Package Power Dissipation Rating @ 75°C
PDIP, SOIC, SSOP .............................. 650mW
Derates above 75°C ............................. 9mW/°C
NOTES:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation at or above this specification
is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
2. Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps (HP5082-2835) from input pin to the supplies. All inputs have protection
diodes which will protect the device from short transients outside the supplies of less than 100
µA for less than 100ms.
3. V
DD refers to AVDD and DVDD. GND refers to AGND and DGND.


Similar Part No. - XRD87L75

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD87L85 EXAR-XRD87L85 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L85AID EXAR-XRD87L85AID Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L85AIK EXAR-XRD87L85AIK Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L85AIP EXAR-XRD87L85AIP Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L99 EXAR-XRD87L99 Datasheet
431Kb / 23P
   LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
More results

Similar Description - XRD87L75

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD87L85 EXAR-XRD87L85 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com