Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T498B106K006ATE500 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T498B106K006ATE500
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498B106K006ATE500 Datasheet(HTML) 3 Page - Kemet Corporation

  T498B106K006ATE500 Datasheet HTML 1Page - Kemet Corporation T498B106K006ATE500 Datasheet HTML 2Page - Kemet Corporation T498B106K006ATE500 Datasheet HTML 3Page - Kemet Corporation T498B106K006ATE500 Datasheet HTML 4Page - Kemet Corporation T498B106K006ATE500 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Tape & Reel Packaging
KEMET’s Molded Tantalum and Aluminum Chip
Capacitor families are packaged in 8 mm and 12 mm plastic
tape on 7" and 13" reels, in accordance with EIA Standard
481-1: Taping of Surface Mount Components for Automatic
Handling. This packaging system is compatible with all tape
fed automatic pick and place systems.
Right Hand
Orientation
Only
(+)
(–)
Embossed Carrier
Embossment
Top Tape Thickness
.10mm (.004") Max Thickness
8mm
±.30
(.315
±.012")
or
12mm
±.30
(.472
±.012")
178mm (7.00")
or
330mm (13.00")
8mm (0.315")
or
12mm (0.472")
180mm (7.0")
or
330mm (13.0")
QUANTITIES PACKAGED PER REEL
Case Code
Tape
KEMET
EIA
Width-mm
7" Reel*
13" Reel*
R
2012-12
8
2,500
10,000
S
3216-12
8
2,500
10,000
T
3528-12
8
2,500
10,000
U
6032-15
12
1,000
5,000
W
7343-15
12
1,000
3,000
V
7343-20
12
1,000
3,000
A
3216-18
8
2,000
9,000
B
3528-21
8
2,000
8,000
C
6032-28
12
500
3,000
D
7343-31
12
500
2,500
Y
7343-40
12
500
2,000
X
7343-43
12
500
2,000
E
7260-38
12
500
2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging.
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
*
Standard reel packaging is not mandatory.
*
Bulk packaging also available using C-7610.
92


Similar Part No. - T498B106K006ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498B106K016ATE2K8 KEMET-T498B106K016ATE2K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.8 Ohms, Height Max = 2.1mm
More results

Similar Description - T498B106K006ATE500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com