Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMA7496L Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GMA7496L
Description  2W2W AMPLIFIER W/ DC VOLUME CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA7496L Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GMA7496L Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage
Maximum Input Voltage
Total Power Dissipation (Tcase= 60°C)
Ambient Operating Temperature
Storage and Junction Temperature
Volume CTRL DC Voltage
V
S
V
IN
P
tot
Tamp
Tstg, Tj
V
6
26
8
6
0 to 70
-40 to 150
7
V
Vpp
W
°C
°C
V
THERMAL DATA
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-pins (max.)
Thermal Resistance Junction-ambient (max.)
R
th j-pins
R
(*)
th j-amb
15
50
°C/ W
°C/W
(*) Mounted on PCB with no hestsink
A
A
MICROELECTRONICS
GMA7496L
Audio Amp.
2W+2W AMPLIFIER W/ DC VOLUME CONTROL


Similar Part No. - GMA7496L

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
GMA7496LD20T GAMMA-GMA7496LD20T Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
GMA7496LS20T GAMMA-GMA7496LS20T Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - GMA7496L

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
   FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com