Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR10H60C Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GMR10H60C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR10H60C Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GMR10H60C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 5Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
A
A
MICROELECTRONICS
GMR10H60C
Power Discrete
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
TO-220AB PACKAGE OUTLINE DIMENSIONS
10.16 ± 0.2
3.84
4.57 ± 0.10
3.50
2.54
Unit: mm
10.16 ± 0.10
1.27
3.50 ± 0.20
0.81
5.08
2.67 ± 0.4
0.38 ± 0.015
1.27 ± 0.015
TO-220FPAB PACKAGE OUTLINE DIMENSIONS
3.18 ± 0.10
2.54 TYP
(2.54 ±0.20)
10.16 ± 0.20
3.30 ± 0.10
2.54 ± 0.20
0.50
2.75 ± 0.20
0.80 ± 0.10
MAX 1.47
Unit: mm
0.35 ± 0.10
7.00
1.50
15.87 ± 0.20
( 1.6 DP 0.10)
15.80 ± 0.20
9.75 ± 0.30
6.50
30°
6.68 ± 0.20
15.87 ± 0.20
+0.13
-0.05
4.70 ± 0.20
1.50 Dp0.10
0.70
9.40 ± 0.20
1.00 X45°


Similar Part No. - GMR10H60C

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR10H60C GAMMA-GMR10H60C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H60CTB3T GAMMA-GMR10H60CTB3T Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H60CTBF3T GAMMA-GMR10H60CTBF3T Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H60CTPF3 GAMMA-GMR10H60CTPF3 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H60C GAMMA-GMR10H60C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
More results

Similar Description - GMR10H60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com