Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881-B7730-K710 Datasheet(PDF) 6 Page - EPCOS

Part # B39881-B7730-K710
Description  SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39881-B7730-K710 Datasheet(HTML) 6 Page - EPCOS

  B39881-B7730-K710 Datasheet HTML 1Page - EPCOS B39881-B7730-K710 Datasheet HTML 2Page - EPCOS B39881-B7730-K710 Datasheet HTML 3Page - EPCOS B39881-B7730-K710 Datasheet HTML 4Page - EPCOS B39881-B7730-K710 Datasheet HTML 5Page - EPCOS B39881-B7730-K710 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Jan 19, 2005
SAW Components
B7730
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC PD
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2005. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
The information contained in this brochure describes the type of component and shall not be con-
sidered as guaranteed characteristics. Purchase orders are subject to the General Conditions for
the Supply of Products and Services of the Electrical and Electronics Industry recommended by the
ZVEI (German Electrical and Electronic Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39881-B7730-K710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39881-B7731-K910 EPCOS-B39881-B7731-K910 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B39881-B7733-C610 EPCOS-B39881-B7733-C610 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results

Similar Description - B39881-B7730-K710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7751 EPCOS-B7751 Datasheet
61Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9004 EPCOS-B9004 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7753 EPCOS-B7753 Datasheet
106Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7842 EPCOS-B7842 Datasheet
70Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9006 EPCOS-B9006 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com