Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP78M05V-L Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP78M05V-L
Description  500mA 3-Terminal Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP78M05V-L Datasheet(HTML) 4 Page - Sipex Corporation

  SP78M05V-L Datasheet HTML 1Page - Sipex Corporation SP78M05V-L Datasheet HTML 2Page - Sipex Corporation SP78M05V-L Datasheet HTML 3Page - Sipex Corporation SP78M05V-L Datasheet HTML 4Page - Sipex Corporation SP78M05V-L Datasheet HTML 5Page - Sipex Corporation SP78M05V-L Datasheet HTML 6Page - Sipex Corporation SP78M05V-L Datasheet HTML 7Page - Sipex Corporation SP78M05V-L Datasheet HTML 8Page - Sipex Corporation SP78M05V-L Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image

Date: 8/0/06 Rev G
SP78MXX 500mA 3-Terminal Positive Voltage Regulator
© 2006 Sipex Corporation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25oC
4.8
5
5.2
V
VIN=7V to 15V, IOUT=5mA to 350mA
4.75
5
5.25
V
Line Regulation
VRLINE
TJ=25oC, VIN=7V to 15V, IOUT=200mA
3
50
mV
Load Regulation
VRLOAD
TJ=25oC, IOUT=5mA to 500mA
20
100
mV
Quiescent Current
IQ
TJ=25oC
3.2
6
mA
Quiescent Current Change
IQ
VIN=8V to 15V, IOUT=200mA
0.8
mA
IOUT=5mA to 350mA
0.5
Ripple Rejection
VIN/ VOUT VIN=8V to 15V, f=120Hz, IOUT=200mA
62
73
dB
Dropout Voltage
VIN-VOUT
VOUT =1%, TJ=25oC
2
V
Output Noise Voltage
NO
TA=25oC, f=10Hz to 100KHz
40
V
Short Circuit Current
ISC
TJ=25oC, VIN=15V
350
mA
Peak Output Current
IPK
TJ=25oC
700
mA
Output Voltage Drift
VOUT/ T IOUT=5mA
± 0.2
mV/oC
S
P78M05 (VIN=10V, IOUT=350mA, TJ=-40oC to 125 oC, PD ≤ 5W, unless otherwise noted)
electrical characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25oC
11.5
12
12.5
V
VIN=14.5V to 17V, IOUT=5mA to 350mA
11.4
12
12.6
V
Line Regulation
VRLINE
TJ=25oC, VIN=14.5V to 17V, IOUT=200mA
8
50
mV
Load Regulation
VRLOAD
TJ=25oC, IOUT=5mA to 500mA
25
240
mV
Quiescent Current
IQ
TJ=25oC
3.2
6
mA
Quiescent Current Change
IQ
VIN=14.5V to 17V, IOUT=200mA
0.8
mA
IOUT=5mA to 350mA
0.5
Ripple Rejection
VIN/ VOUT VIN=15V to 17V, f=120Hz, IOUT=200mA
55
60
dB
Dropout Voltage
VIN-VOUT
VOUT =1%, TJ=25oC
2
V
Output Noise Voltage
NO
TA=25oC, f=10Hz to 100KHz
75
V
Short Circuit Current
ISC
TJ=25oC, VIN=17V
350
mA
Peak Output Current
IPK
TJ=25oC
700
mA
Output Voltage Drift
VOUT/ T IOUT=5mA
± 0.3
mV/oC
S
P78M12 (VIN=17V, IOUT=350mA, TJ=-40oC to 125 oC, PD ≤ 5W, unless otherwise noted)


Similar Part No. - SP78M05V-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800 SIPEX-SP7800 Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800AJN SIPEX-SP7800AJN Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800AJS SIPEX-SP7800AJS Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800AKN SIPEX-SP7800AKN Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
More results

Similar Description - SP78M05V-L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com