Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3223U Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3223U
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223U Datasheet(HTML) 4 Page - Sipex Corporation

  SP3223U Datasheet HTML 1Page - Sipex Corporation SP3223U Datasheet HTML 2Page - Sipex Corporation SP3223U Datasheet HTML 3Page - Sipex Corporation SP3223U Datasheet HTML 4Page - Sipex Corporation SP3223U Datasheet HTML 5Page - Sipex Corporation SP3223U Datasheet HTML 6Page - Sipex Corporation SP3223U Datasheet HTML 7Page - Sipex Corporation SP3223U Datasheet HTML 8Page - Sipex Corporation SP3223U Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Date:
10/06/06
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 200
6 Sipex Corporation
4
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX.
Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
TIMING CHARACTERISTICS
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
t
a
R
a
t
a
D
m
u
m
i
x
a
M
E
3
2
2
3
P
S0
2
15
3
2
s
p
b
k
R
L
K
3
=
Ω C
,
L
e
v
i
t
c
a
r
e
v
i
r
d
e
n
o
,
F
p
0
0
0
1
=
B
E
3
2
2
3
P
S0
5
2
H
E
3
2
2
3
P
S0
6
4
U
E
3
2
2
3
P
S0
0
0
1R
L
K
3
=
Ω C
,
L
e
v
i
t
c
a
r
e
v
i
r
d
e
n
o
,
F
p
0
5
2
=
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
e
v
i
e
c
e
R
t
L
H
P
5
1
.
0
µs
C
,
t
u
p
t
u
o
r
e
v
i
e
c
e
R
o
t
t
u
p
n
i
r
e
v
i
e
c
e
R
L =
F
p
0
5
1
t
H
L
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
n
n
o
i
t
a
r
e
p
o
l
a
m
r
o
N
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
n
n
o
i
t
a
r
e
p
o
l
a
m
r
o
N
w
e
k
S
r
e
v
i
r
D
B
E
,
E0
0
10
0
5
s
nt
|
L
H
P
t
-
H
L
P
T
,
|
B
M
A
C
º
5
2
=
U
E
,
H
E0
50
0
1
w
e
k
S
r
e
v
i
e
c
e
R0
0
20
0
0
1s
n
t
|
L
H
P
t
-
H
L
P
|
e
t
a
R
w
e
l
S
n
o
i
g
e
R
-
n
o
i
t
i
s
n
a
r
T
B
E
,
E0
3
/
V
µs
V
C
C
R
,
V
3
.
3
=
L
K
3
=
Ω T
,
B
M
A
,
C
º
5
2
=
V
0
.
3
+
o
t
V
0
.
3
-
m
o
r
f
n
e
k
a
t
s
t
n
e
m
e
r
u
s
a
e
m
V
0
.
3
-
o
t
V
0
.
3
+
r
o
H
E0
6
U
E0
9


Similar Part No. - SP3223U

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223U SIPEX-SP3223U Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223UCA SIPEX-SP3223UCA Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223UCA/TR SIPEX-SP3223UCA/TR Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223UCP SIPEX-SP3223UCP Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223UCY SIPEX-SP3223UCY Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3223U

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3238E SIPEX-SP3238E Datasheet
224Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com