Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3224EEA-L Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3224EEA-L
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3224EEA-L Datasheet(HTML) 5 Page - Sipex Corporation

  SP3224EEA-L Datasheet HTML 1Page - Sipex Corporation SP3224EEA-L Datasheet HTML 2Page - Sipex Corporation SP3224EEA-L Datasheet HTML 3Page - Sipex Corporation SP3224EEA-L Datasheet HTML 4Page - Sipex Corporation SP3224EEA-L Datasheet HTML 5Page - Sipex Corporation SP3224EEA-L Datasheet HTML 6Page - Sipex Corporation SP3224EEA-L Datasheet HTML 7Page - Sipex Corporation SP3224EEA-L Datasheet HTML 8Page - Sipex Corporation SP3224EEA-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Rev P 11/20/06
SP3224E-SP3227E Transceivers with Auto On-line® Plus
© 2006 Sipex Corporation
0
5
10
15
20
25
30
35
40
45
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
Transmitter Output Slew Rate (V/us)
SRpos
SRneg
SRavg
TYPICAL PERFORMANCE CHARACTERISTICS:CURVES
SP3224E/SP3226E Transmitter Input to
Receiver Output Propagation Delay vs.
Load Capacitance
0
0.5
1
1.5
2
2.5
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
TxIn to RxOut Propagation Delay (us)
SP3224E/SP3226E Transmitter Output
Slew Rate vs. Load Capacitance
0
5
10
15
20
25
30
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
Transmitter Output Slew Rate (V/us)
SRpos
SRneg
SRavg
SP3224E/SP3226E Transmitter Output
Voltage vs. Load Capacitance
-6
-4
-2
0
2
4
6
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
Transmitter Output Voltage (V)
V+
V-
SP3225E/SP3227E Transmitter Input to
Receiver Output Propagation Delay vs.
Load Capacitance
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
TxIn to RxOut Propagation Delay (us)
SP3225E/SP3227E Transmitter Output
Slew Rate vs. Load Capacitance
SP3225E/SP3227E Transmitter Output
Voltage
-6
-4
-2
0
2
4
6
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
Trasmitter Output Voltage (V)
V+
V-


Similar Part No. - SP3224EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3224EEA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3244E SIPEX-SP3244E Datasheet
922Kb / 22P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com