Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128A Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6128A
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128A Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6128A_05 Datasheet HTML 2Page - Sipex Corporation SP6128A_05 Datasheet HTML 3Page - Sipex Corporation SP6128A_05 Datasheet HTML 4Page - Sipex Corporation SP6128A_05 Datasheet HTML 5Page - Sipex Corporation SP6128A_05 Datasheet HTML 6Page - Sipex Corporation SP6128A_05 Datasheet HTML 7Page - Sipex Corporation SP6128A_05 Datasheet HTML 8Page - Sipex Corporation SP6128A_05 Datasheet HTML 9Page - Sipex Corporation SP6128A_05 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
Gage
Plane
1.0 OIA
e
0.169 (4.30)
0.177 (4.50)
0.252 BSC (6.4 BSC)
0’-8’ 12’REF
0.039 (1.0)
e/2
0.039 (1.0)
0.126 BSC (3.2 BSC)
D
0.007 (0.19)
0.012 (0.30)
0.033 (0.85)
0.037 (0.95)
0.002 (0.05)
0.006 (0.15)
0.043 (1.10) Max
(θ3)
1.0 REF
0.020 (0.50)
0.026 (0.75)
(θ1)
0.004 (0.09) Min
0.004 (0.09) Min
0.010 (0.25)
(θ2)
0.008 (0.20)
DIMENSIONS
in inches (mm)
Minimum/Maximum
Symbol
14 Lead
D
0.193/0.201
(4.90/5.10)
e
0.026 BSC
(0.65 BSC)
PLASTIC THIN SMALL
OUTLINE
(TSSOP)
PACKAGE: TSSOP


Similar Part No. - SP6128A_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128AB SIPEX-SP6128AB Datasheet
386Kb / 10P
   Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
logo
Exar Corporation
SP6128ACY EXAR-SP6128ACY Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
SP6128ACY/TR EXAR-SP6128ACY/TR Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Sipex Corporation
SP6128AEY SIPEX-SP6128AEY Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128AEY EXAR-SP6128AEY Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
More results

Similar Description - SP6128A_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
   Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
logo
Sipex Corporation
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
   High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com