Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128AEY Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6128AEY
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AEY Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6128AEY Datasheet HTML 2Page - Sipex Corporation SP6128AEY Datasheet HTML 3Page - Sipex Corporation SP6128AEY Datasheet HTML 4Page - Sipex Corporation SP6128AEY Datasheet HTML 5Page - Sipex Corporation SP6128AEY Datasheet HTML 6Page - Sipex Corporation SP6128AEY Datasheet HTML 7Page - Sipex Corporation SP6128AEY Datasheet HTML 8Page - Sipex Corporation SP6128AEY Datasheet HTML 9Page - Sipex Corporation SP6128AEY Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Operating Temperature Range
Package Type
SP6128AEY ............................................ -40˚C to +85˚C ...................................... 14-Pin TSSOP
SP6128AEY/TR ...................................... -40˚C to +85˚C ...................................... 14-Pin TSSOP
SP6128AHY ........................................... -40˚C to +105˚C ..................................... 14-Pin TSSOP
SP6128AHY/TR ..................................... -40˚C to +105˚C ..................................... 14-Pin TSSOP
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6128AEY/TR = standard; SP6128AEY-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,500 for TSSOP.
SP6128ACY .............................................. 0˚C to +70˚C ....................................... 14-Pin TSSOP
SP6128ACY/TR ........................................ 0˚C to +70˚C ....................................... 14-Pin TSSOP


Similar Part No. - SP6128AEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128AEY SIPEX-SP6128AEY Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128AEY EXAR-SP6128AEY Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Sipex Corporation
SP6128AEY/TR SIPEX-SP6128AEY/TR Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128AEY/TR EXAR-SP6128AEY/TR Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
More results

Similar Description - SP6128AEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
   Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
logo
Sipex Corporation
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
   High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com