Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6652 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6652
Description  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6652 Datasheet HTML 6Page - Sipex Corporation SP6652 Datasheet HTML 7Page - Sipex Corporation SP6652 Datasheet HTML 8Page - Sipex Corporation SP6652 Datasheet HTML 9Page - Sipex Corporation SP6652 Datasheet HTML 10Page - Sipex Corporation SP6652 Datasheet HTML 11Page - Sipex Corporation SP6652 Datasheet HTML 12Page - Sipex Corporation SP6652 Datasheet HTML 13Page - Sipex Corporation SP6652 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
Figure 4. Typical SP6652 circuit layout.
over frequency fzero = 80kHz (from the
Bode plot) divided by the loop gain band-
width, given as 20kHz, which is used in the
following equation:
Error Amp Gain
= fzero / (loop gain bandwidth)
= 80kHz / 20kHz
= 4
The error amp transconductance is about
1mS, so this sets the RZ resistor to be:
Rz = 4/1mS = 4KΩ
We will use RZ = 4KΩ for the 3.3V output
compensation.
The zero for loop compensation is placed
at the first modulator pole of 4 kHz to pro-
vide a loop response of -20/dB/decade at
the crossover frequency. The compensa-
tion capacitor Cc can be calculated from
the crossover frequency pole1 and the RZ
value:
CC = 1/(2π• RZ •pole1) = 1/(2π•4K•4kHz)
= 10nF
From the Typical Performance Charac-
teristics load step curves, the 2.5V output
and 3.3V output are stable with RZ = 4KΩ
and CC = 10nF. For 1.8V to 0.85V output,
the values RZ = 2KΩ and CC = 10nF are
recommended.


Similar Part No. - SP6652

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Exar Corporation
SP6652 EXAR-SP6652 Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652EB SIPEX-SP6652EB Datasheet
87Kb / 4P
   Evaluation Board Manual
logo
Exar Corporation
SP6652EB EXAR-SP6652EB Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652ER SIPEX-SP6652ER Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
More results

Similar Description - SP6652

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6652 EXAR-SP6652 Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
logo
Intersil Corporation
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
   7A, High Efficiency Current Mode Controlled PWM Regulator
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
   1A Standard Buck PWM Regulator
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com