Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6203ER Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6203ER
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203ER Datasheet(HTML) 3 Page - Sipex Corporation

  SP6203ER Datasheet HTML 1Page - Sipex Corporation SP6203ER Datasheet HTML 2Page - Sipex Corporation SP6203ER Datasheet HTML 3Page - Sipex Corporation SP6203ER Datasheet HTML 4Page - Sipex Corporation SP6203ER Datasheet HTML 5Page - Sipex Corporation SP6203ER Datasheet HTML 6Page - Sipex Corporation SP6203ER Datasheet HTML 7Page - Sipex Corporation SP6203ER Datasheet HTML 8Page - Sipex Corporation SP6203ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Date: Apr2-07
SP6203/SP6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© 2007 Sipex Corporation
3
Date: 2//05
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2005 Sipex Corporation
ELECTRiCAL SPECiFiCATiONS NOTES
Note 1: Maximum power dissipation can be calculated using the formula: PD = (TJ(max) - TA) / JA, where TJ(max) is
the junction temperature, TA is the ambient temperature and JA is the junction-to-ambient thermal resistance. JC
is 6°C/W for this package
. Exceeding the maximum allowable power dissipation will result in excessive die
temperature and the regulator will go into thermal shutdown mode. JA is 191°C/W for SOT-23-5, and is 59°C/W
for the -pin DFN. A part mounted on a PC board will deliver improved thermal performance based upon copper
surface area.
Note 2: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
Note 3: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in
output voltage due to heating effects are covered by the thermal regulation specification.
Note 4: Dropout-voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of
the load current plus the ground pin current.
Note 6: Output noise voltage is defined within a certain bandwidth, namely 0Hz < BW < 00kHz. An external
bypass cap (0nF) from reference output (BYP pin) to ground significantly reduces noise at output.
Note 7: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power
dissipation is applied, excluding load and line regulation effects. Specifications are for a 300mA load pulse at VIN =
6V for t = ms.
Note 8: The wake-up time (TWU) is defined as the time it takes for the output to start rising after enable is brought
high.
Note 9: The total turn-on time is called the settling time (TS), which is defined as the condition when both the
output and the bypass node are within 2% of their fully enabled values when released from shutdown.
Note 10: For output voltage versions requiring VIN to be lower than V, timing (TON & TOFF) increases slightly.
(optional)
Cbyp
VOUT
BYP
EN
VIN
GND
bandgap
reference
thermal shutdown
&
current limit
1.25V
R2
R1
ADJ
VOUT
EN
VIN
GND
bandgap
reference
thermal shutdown
&
current limit
1.25V
Low Noise Fixed Regulator - 5 Pin
Low Noise Adjustable Regulator - 5 Pin
FUNCTIONAL DIAGRAM


Similar Part No. - SP6203ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203ER-2.5 SIPEX-SP6203ER-2.5 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2.5/TR SIPEX-SP6203ER-2.5/TR Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2.7 SIPEX-SP6203ER-2.7 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2.7/TR SIPEX-SP6203ER-2.7/TR Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203ER-2.8 SIPEX-SP6203ER-2.8 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
More results

Similar Description - SP6203ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com