Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6691ER Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6691ER
Description  SOT23Micro Power Boost Regulator Series White LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691ER Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6691ER Datasheet HTML 2Page - Sipex Corporation SP6691ER Datasheet HTML 3Page - Sipex Corporation SP6691ER Datasheet HTML 4Page - Sipex Corporation SP6691ER Datasheet HTML 5Page - Sipex Corporation SP6691ER Datasheet HTML 6Page - Sipex Corporation SP6691ER Datasheet HTML 7Page - Sipex Corporation SP6691ER Datasheet HTML 8Page - Sipex Corporation SP6691ER Datasheet HTML 9Page - Sipex Corporation SP6691ER Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Jun26-07 Rev D
Micro Power Boost Regulator Series White LED Driver
© 2007 Sipex Corporation
PERFORMANCE CHARACTERISTICS
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 13. Quiescent Current IQ vs. VIN
Figure 14. Shutdown Pin Current vs. VIN
Figure 15. IPK Current Limit vs. VIN
Figure 17. Feedback Voltage vs. Temperature
0
5
10
15
20
25
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
Tamb=-25C
Tamb=25C
Tamb=85C
0
2
4
6
8
10
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
0
100
200
300
400
500
600
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
1.20
1.21
1.22
1.23
1.24
1.25
-30
-10
10
30
50
70
90
Temperature (C)
Figure 16. Switch Saturation Voltage VCESAT vs.
Temperature (ISW = 450mA)
Figure 18. Average IO vs. SHDN Duty Cycle (VIN=3.3V,
Standard 4x20mA WLED Evaluation Board, PWM
Frequency 100Hz
0
50
100
150
200
250
300
350
400
-30
-10
10
30
50
70
90
Temperature (C)
0
4
8
12
16
20
0
20
40
60
80
100
PWM Duty Cycle (%)


Similar Part No. - SP6691ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6691EB SIPEX-SP6691EB Datasheet
178Kb / 6P
   Evaluation Board Manual
SP6691EU SIPEX-SP6691EU Datasheet
178Kb / 6P
   Evaluation Board Manual
More results

Similar Description - SP6691ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6690 SIPEX-SP6690 Datasheet
270Kb / 16P
   Micro Power Boost Regulator Series White LED Driver
SP6691 SIPEX-SP6691 Datasheet
253Kb / 15P
   Micro Power Boost Regulator Series White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
   White LED Boost Regulator
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
   White LED Boost Regulator
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com