Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR951M Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR951M
Description  50A, 35nsec typ., 100-200 V Hyper Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR951M Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR951M Datasheet HTML 1Page - Solid States Devices, Inc SDR951M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR950M & Z
Thru
SDR952M & Z
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 25A, 300-500µsec Pulse)
(IF = 50A, 300-500µsec Pulse)
TA = 25 ºC
TA = 25 ºC
VF1
VF2
1.00
1.25
VDC
Instantaneous Forward Voltage Drop
(IF = 50Adc, 300-500µsec Pulse)
TA = -55 ºC
VF3
1.35
VDC
Reverse Leakage Current
(300µsec Pulse Minimum)
TA = 25 ºC, Rated VR
TC = 100 ºC, 80% of Rated VR
IR1
IR2
100
10
µA
m
Α
Reverse Recovery Time
(IF =10 Amp, di/dt = 200A/µs)
tRR
50
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
900
pF
Figure 1- Optional Lead Bends
Suffix MD & ZD
Suffix MU & ZU
PIN ASSIGNMENT
Code
FUNCTION
Pin 1
Pin 2
Pin 3
Cathode
Anode
Anode
TO-254 (Suffix M) Outline:
TO-254Z (Suffix Z) Outline:
Measured in Inches
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0039K
DOC


Similar Part No. - SDR951M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR951-61 SSDI-SDR951-61 Datasheet
204Kb / 2P
   HYPER FAST RECTIFIER
SDR951/3 SSDI-SDR951/3 Datasheet
194Kb / 2P
   60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR951/61 SSDI-SDR951/61 Datasheet
203Kb / 2P
   60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR9510 SSDI-SDR9510 Datasheet
213Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR9510/3 SSDI-SDR9510/3 Datasheet
211Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR951M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620J SSDI-SDR620J Datasheet
229Kb / 2P
   20A, 35nsec, 100-200 V Hyper Fast Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
   50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
   60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950S1 SSDI-SDR950S1 Datasheet
35Kb / 2P
   60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
   20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620G SSDI-SDR620G Datasheet
33Kb / 2P
   20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
   20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
   20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
   40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
   40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com