Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1431 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1431
Description  Precision Adjustable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1431 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX1431 Datasheet HTML 3Page - Sipex Corporation SPX1431 Datasheet HTML 4Page - Sipex Corporation SPX1431 Datasheet HTML 5Page - Sipex Corporation SPX1431 Datasheet HTML 6Page - Sipex Corporation SPX1431 Datasheet HTML 7Page - Sipex Corporation SPX1431 Datasheet HTML 8Page - Sipex Corporation SPX1431 Datasheet HTML 9Page - Sipex Corporation SPX1431 Datasheet HTML 10Page - Sipex Corporation SPX1431 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Mar3-07
SPX43 Precision Adjustable Shunt Regulator
© 2007 Sipex Corporation
Figure 23. Precision High Current Series Regulator
V
OUT= (1+R1/R2)V REF
Figure 24. High Current Shunt Regulator
V
OUT= (1+R1/R2)V REF
Figure 25. Single Supply Comparator with Temperature
Compensated Threshold. V
INthreshold = 2.5V
VIN
R1
0.1%
SPX1431
R3
R2
0.1%
C1
R5
R4
VOUT
VIN
R1
0.1%
SPX1431
R3
R2
0.1%
Q1
VOUT
VCC
R2
SPX1431
VIN
VOUT
R1
* Resistor values are chosen such that the effect to
I
REFis negligible .
TYPICAL PERFORMANCE CHARACTERISTICS
SOT-23-5 (M5)
3
2
1
Top View
5
4
Top View
SOT-89 (M1)
1
2
3
Bottom View
TO-92 (N)
1
3
2
N/C
REF
ANODE
CATHODE
CATHODE
ANODE
REF
Top View
2
1
3
4
8
7
6
5
8-Pin Surface Mount (S)
CATHODE
REF
ANODE
ANODE
ANODE
ANODE
N/C
N/C N/C CATHODE
ANODE
REF
PACKAGE PINOUTS


Similar Part No. - SPX1431

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1431 SIPEX-SPX1431 Datasheet
160Kb / 8P
   Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
102Kb / 12P
   Precision Adjustable Shunt Regulator
logo
Exar Corporation
SPX1431 EXAR-SPX1431 Datasheet
2Mb / 11P
   Precision Adjustable Shunt Regulator
logo
Sipex Corporation
SPX1431M1 SIPEX-SPX1431M1 Datasheet
160Kb / 8P
   Precision Adjustable Shunt Regulator
SPX1431M1 SIPEX-SPX1431M1 Datasheet
102Kb / 12P
   Precision Adjustable Shunt Regulator
More results

Similar Description - SPX1431

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com