Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1121M3-5-0 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1121M3-5-0
Description  150mA Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121M3-5-0 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1121M3-5-0 Datasheet HTML 1Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 2Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 3Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 4Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 5Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 6Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 7Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 8Page - Sipex Corporation SPX1121M3-5-0 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Date: 12/20/05
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
Line Regulation
30
25
20
10
5
INPUT VOLTAGE (V)
15
10
5
0
5
0
-5
-10
10
15
20
25
30
~
~
I
L= 100µA
I
L= 1mA
T
J = 150 ºC
T
J = 125 ºC
I
L= 100µA
Thermal Response
4
2
1
0
TIME (µs)
0
-2
0
-1
10
20
30
40
50
5
1.25W
~
~
Load Transient Response
80
20
-40
100
04
8
12
16
20
TIME (ms)
µA
100
-60
-20
0
40
60
µA
C
L = 10µF
V
OUT = 5V
~
~
Maxium Rated Output
120
80
0
010
20
30
INPUT VOLTAGE (V)
25
15
5
T
A= 85 ºC
T
A=25 ºC
T
JMAX = 125 ºC
0.25" LEADS SOLDERED
TO-92 PACKAGE
TO PC BOARD
100
60
40
20
Vout=5V
Load Transient Response
250
100
-50
100
01
2
3
4
5
TIME (ms)
µA
~
~
mA
-100
0
50
150
200
C
L= 1 µF
V
OUT = 5V
100


Similar Part No. - SPX1121M3-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121M3-5.0 SIPEX-SPX1121M3-5.0 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
SPX1121M3-5.0 SIPEX-SPX1121M3-5.0 Datasheet
81Kb / 9P
   150mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1121M3-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com