Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1521R-L-3-3 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1521R-L-3-3
Description  300mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1521R-L-3-3 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1521R-L-3-3 Datasheet HTML 1Page - Sipex Corporation SPX1521R-L-3-3 Datasheet HTML 2Page - Sipex Corporation SPX1521R-L-3-3 Datasheet HTML 3Page - Sipex Corporation SPX1521R-L-3-3 Datasheet HTML 4Page - Sipex Corporation SPX1521R-L-3-3 Datasheet HTML 5Page - Sipex Corporation SPX1521R-L-3-3 Datasheet HTML 6Page - Sipex Corporation SPX1521R-L-3-3 Datasheet HTML 7Page - Sipex Corporation SPX1521R-L-3-3 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
May5-07
SPX52300mALowDropoutVoltageRegulator
©2007SipexCorporation
PACKAGE: 3 PIN TO-220


Similar Part No. - SPX1521R-L-3-3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX1521R-L-3-3 EXAR-SPX1521R-L-3-3 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX1521R-L-3-3/TR EXAR-SPX1521R-L-3-3/TR Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1521R-L-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102_1 Datasheet
171Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com