Electronic Components Datasheet Search |
|
T429E105J020RB4250 Datasheet(PDF) 7 Page - Kemet Corporation |
|
T429E105J020RB4250 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com Capaci- tance μF Case Size KEMET Part Number Mil-C-55365/11A Part Number DC Leakage μμA @ 25ºC Max DF % @ +25ºC 120 Hz Max ESR Ω Ω @ +25°C 100 kHz Max 4 Volt Rating at +85°C (2.7 Volt Rating at +125°C) 2.2 A T429A225(1)004(2)(3)(4) CWR29C(3)225(1)(2)A(5) 1.0 6.0 4.0 3.3 A T429A335(1)004(2)(3)(4) CWR29C(3)335(1)(2)A(5) 1.0 6.0 6.0 4.7 A T429A475(1)004(2)(3)(4) CWR29C(3)475(1)(2)A(5) 1.0 6.0 6.0 4.7 B T429B475(1)004(2)(3)(4) CWR29C(3)475(1)(2)B(5) 1.0 6.0 3.2 6.8 A T429A685(1)004(2)(3)(4) CWR29C(3)685(1)(2)A(5) 1.0 6.0 6.0 6.8 C T429C685(1)004(2)(3)(4) CWR29C(3)685(1)(2)C(5) 1.0 6.0 2.2 10.0 B T429B106(1)004(2)(3)(4) CWR29C(3)106(1)(2)B(5) 1.0 8.0 3.2 10.0 D T429D106(1)004(2)(3)(4) CWR29C(3)106(1)(2)D(5) 10 8.0 1.3 15.0 B T429B156(1)004(2)(3)(4) CWR29C(3)156(1)(2)B(5) 1.0 8.0 3.2 15.0 E T429E156(1)004(2)(3)(4) CWR29C(3)156(1)(2)E(5) 1.0 8.0 1 22.0 B T429B226(1)004(2)(3)(4) CWR29C(3)226(1)(2)B(5) 1.0 8.0 3.2 22.0 D T429D226(1)004(2)(3)(4) CWR29C(3)226(1)(2)D(5) 1.0 8.0 1.3 33.0 D T429D336(1)004(2)(3)(4) CWR29C(3)336(1)(2)D(5) 2.0 8.0 1.3 33.0 E T429E336(1)004(2)(3)(4) CWR29C(3)336(1)(2)E(5) 2.0 8.0 0.9 33.0 F T429F336(1)004(2)(3)(4) CWR29C(3)336(1)(2)F(5) 2.0 8.0 0.6 47.0 E T429E476(1)004(2)(3)(4) CWR29C(3)476(1)(2)E(5) 2.0 8.0 0.9 68.0 E T429E686(1)004(2)(3)(4) CWR29C(3)686(1)(2)E(5) 3.0 8.0 0.9 68.0 G T429G686(1)004(2)(3)(4) CWR29C(3)686(1)(2)G(5) 3.0 10.0 0.275 100.0 F T429F107(1)004(2)(3)(4) CWR29C(3)107(1)(2)F(5) 4.0 10.0 0.55 100.0 H T429H107(1)004(2)(3)(4) CWR29C(3)107(1)(2)H(5) 4.0 10.0 0.18 150.0 G T429G157(1)004(2)(3)(4) CWR29C(3)157(1)(2)H(5) 6.0 10.0 0.25 220.0 H T429H227(1)004(2)(3)(4) CWR29C(3)227(1)(2)H(5) 8.0 10.0 0.20 330.0 H T429H337(1)004(2)(3)(4) CWR29C(3)337(1)(2)H(5) 10.0 10.0 0.18 6 Volt Rating at +85°C (4 Volt Rating at +125°C) 1.5 A T429A155(1)006(2)(3)(4) CWR29D(3)155(1)(2)A(5) 1.0 6.0 4.0 3.3 A T429A335(1)006(2)(3)(4) CWR29D(3)335(1)(2)A(5) 1.0 6.0 6.0 3.3 B T429B335(1)006(2)(3)(4) CWR29D(3)335(1)(2)B(5) 1.0 6.0 3.2 4.7 A T429A475(1)006(2)(3)(4) CWR29D(3)475(1)(2)A(5) 1.0 6.0 6.0 4.7 C T429C475(1)006(2)(3)(4) CWR29D(3)475(1)(2)C(5) 1.0 6.0 2.2 6.8 B T429B685(1)006(2)(3)(4) CWR29D(3)685(1)(2)B(5) 1.0 6.0 3.2 6.8 D T429D685(1)006(2)(3)(4) CWR29D(3)685(1)(2)D(5) 1.0 6.0 1.5 10.0 B T429B106(1)006(2)(3)(4) CWR29D(3)106(1)(2)B(5) 1.0 6.0 3.2 10.0 E T429E106(1)006(2)(3)(4) CWR29D(3)106(1)(2)E(5) 1.0 8.0 1.0 15.0 B T429B156(1)006(2)(3)(4) CWR29D(3)156(1)(2)B(5) 1.0 8.0 3.2 15.0 D T429D156(1)006(2)(3)(4) CWR29D(3)156(1)(2)D(5) 1.0 8.0 1.7 15.0 E T429E156(1)006(2)(3)(4) CWR29D(3)156(1)(2)E(5) 1.0 8.0 0.9 22.0 D T429D226(1)006(2)(3)(4) CWR29D(3)226(1)(2)D(5) 1.0 6.0 1.7 22.0 E T429E226(1)006(2)(3)(4) CWR29D(3)226(1)(2)E(5) 2.0 8.0 1.0 22.0 F T429F226(1)006(2)(3)(4) CWR29D(3)226(1)(2)F(5) 2.0 8.0 0.6 33.0 E T429E336(1)006(2)(3)(4) CWR29D(3)336(1)(2)E(5) 2.0 6.0 1.0 47.0 F T429F476(1)006(2)(3)(4) CWR29D(3)476(1)(2)F(5) 3.0 8.0 1.0 47.0 G T429G476(1)006(2)(3)(4) CWR29D(3)476(1)(2)G(5) 3.0 10.0 0.275 68.0 F T429F686(1)006(2)(3)(4) CWR29D(3)686(1)(2)F(5) 4.0 10.0 0.4 68.0 G T429G686(1)006(2)(3)(4) CWR29D(3)686(1)(2)G(5) 4.0 10.0 0.25 68.0 H T429H686(1)006(2)(3)(4) CWR29D(3)686(1)(2)H(5) 4.0 10.0 0.18 100.0 G T429G107(1)006(2)(3)(4) CWR29D(3)107(1)(2)G(5) 6.0 10.0 0.275 150.0 G T429G157(1)006(2)(3)(4) CWR29D(3)157(1)(2)G(5) 10.0 10.0 0.275 220.0 H T429H227(1)006(2)(3)(4) CWR29D(3)227(1)(2)H(5) 100. 10.0 0.18 330.0 H T429H337(1)006(2)(3)(4) CWR29D(3)337(1)(2)H(5) 20.0 10.0 0.18 10 Volt Rating at +85°C (7 Volt Rating at +125°C) 1.0 A T429A105(1)010(2)(3)(4) CWR29F(3)105(1)(2)A(5) 1.0 6.0 5.0 2.2 A T429A225(1)010(2)(3)(4) CWR29F(3)225(1)(2)A(5) 1.0 6.0 6.0 2.2 B T429B225(1)010(2)(3)(4) CWR29F(3)225(1)(2)B(5) 1.0 6.0 3.2 3.3 A T429A335(1)010(2)(3)(4) CWR29F(3)335(1)(2)A(5) 1.0 6.0 6.0 3.3 C T429C335(1)010(2)(3)(4) CWR29F(3)335(1)(2)C(5) 1.0 6.0 2.2 4.7 B T429B475(1)010(2)(3)(4) CWR29F(3)475(1)(2)B(5) 1.0 6.0 3.2 4.7 C T429C475(1)010(2)(3)(4) CWR29F(3)475(1)(2)C(5) 1.0 6.0 2.2 4.7 D T429D475(1)010(2)(3)(4) CWR29F(3)475(1)(2)D(5) 1.0 6.0 1.5 T429 (CWR29) Ratings & Part Number Reference (1) To complete KEMET/CWR part number, insert K = ±10%; M = ±20% and J = ±5% Capacitance tolerance. (2) To complete KEMET/CWR part number, insert A = Non-ER; Weibull: B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs or D = 0.001%/1000 Hrs. or Exponential: M = 1.0%/1000 hrs., P = 0.1%/1000 hrs., R = 0.01%/1000 hrs. or S = 0.001%/1000 hrs. Reliability Level. (3) To complete KEMET part number, insert B = Gold plated; C = Hot solder dipped; H = Solder plated or K = Solder Fused Termination Finish. (4) To complete KEMET part number, insert 4250 = +25°C after Weibull; 4251 = -55° + 85°C after Weibull; or 4252 = -55, & +85°C before Weibull Surge Current Option. (5) To complete CWR part number, insert A = +25°C after Weibull; B = -55° + 85°C after Weibull; or C = -55, & +85°C before Weibull Surge Current Option. |
Similar Part No. - T429E105J020RB4250 |
|
Similar Description - T429E105J020RB4250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |