Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1587AU-1-5 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX1587AU-1-5
Description  3A Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587AU-1-5 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX1587AU-1-5 Datasheet HTML 3Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 4Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 5Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 6Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 7Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 8Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 9Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 10Page - Sipex Corporation SPX1587AU-1-5 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
0
Jun8-07 Rev D
SPX587 Low-Dropout Voltage Regulator
© 2007 Sipex Corporation
DESCRIPTION
FEATURES
Guaranteed 3A Output Current
Three Terminal Adjustable or Fixed
1.5V, 1.8V, 2.5V, 3.3V and 5.0V
Low Quiescent Current
Low Dropout Voltage: 1.1V at 3A
Line Regulation: 0.1%
Load Regulation: 0.1%
Stable with 10uF Ceramic Capacitor
Overcurrent and Thermal Protection
Similar to Industry Standard LT1085/
LT1585
The SPX1587 is a low power positive-voltage regulator designed to satisfy moderate power requirements
with a cost effective, small footprint solution. This device is an excellent choice for use in battery-powered
applications and portable computers. The SPX1587 features very low quiescent current and a low dropout
voltage of 1.1V at a full load. As output current decreases, quiescent current flows into the load, increasing
efficiency. SPX1587 is available in adjustable or fixed 1.5V, 1.8V, 2.5V, 3.3V and 5.0V output voltages.
The SPX1587 is offered in several 3-pin surface mount packages: TO-252, TO-220 and TO-263. An output
capacitor of 10µF ceramic or tantalum provides unconditional stability.
APPLICATIONS
Desktop PC's Servers
Powering VGA and Sound Cards
Cordless Phones
Battery Chargers
Adjustable Power Supplies
Portable Instrumentation
SMPS Post-Regulator
FUNCTIONAL DIAGRAM (Adjustable)
+
-
Current Limit
ICL
I TL
Thermal Limit
VREF
AMP
VOUT
VIN
ADJ/GND
+
IADJ ~ 50µA
1.25V
_
+
1
2
3
SPX1587
3 Pin TO-263
ADJ/GND
VIN
VOUT
ADJ/GND V
OUT
VIN
3
2
1
SPX1587
3 Pin TO-220
Available in RoHS Compliant, Lead Free
Packages: TO-252, TO-220, and TO-263
Sipex corporation
Headquarters and
Sales Office
2 South Hillview Drive
Milpitas, CA 505
TEL: (08) -7500
FAX: (08) 5-700
ORDeRing inFORMATiOn
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM
PART NUMBER
Accuracy
OUTPUT VOLTAGE
PACKAGE
SPX587AR ................... % ............................. Adj .................................... lead TO-252
SPX587AR/TR ............. % ............................. Adj ...................................  lead TO-252
SPX587AR--5 ............. % ............................ .5V .................................  lead TO-252
SPX587AR--5/TR ....... % ............................ .5V .................................  lead TO-252
SPX587AR--8 ............. % ............................ .8V .................................  lead TO-252
SPX587AR--8/TR ....... % ............................ .8V .................................  lead TO-252
SPX587AR-2-5 ............. % ............................ 2.5V .................................  lead TO-252
SPX587AR-2-5/TR ....... % ............................ 2.5V .................................  lead TO-252
SPX587AR-- ............. % ............................ .V .................................  lead TO-252
SPX587AR--/TR ....... % ............................ .V .................................  lead TO-252
SPX587AR-5-0 ............. % ............................ 5.0V .................................  lead TO-252
SPX587AR-5-0/TR ....... % ............................ 5.0V .................................  lead TO-252
SPX587AT .................... % ............................. Adj ...................................  lead TO-2
SPX587AT/TR .............. % ............................. Adj ...................................  lead TO-2
SPX587AT--5 ............. % ............................ .5V ..................................  lead TO-2
SPX587AT--5/TR ....... % ............................ .5V ..................................  lead TO-2
SPX587AT--8 ............. % ............................ .8V ..................................  lead TO-2
SPX587AT--8/TR ....... % ............................ .8V ..................................  lead TO-2
SPX587AT-2-5 ............. % ............................ 2.5V ..................................  lead TO-2
SPX587AT-2-5/TR ....... % ............................ 2.5V ..................................  lead TO-2
SPX587AT-- ............. % ............................ .V ..................................  lead TO-2
SPX587AT--/TR ....... % ............................ .V ..................................  lead TO-2
SPX587AT-5-0 ............. % ............................ 5.0V ..................................  lead TO-2
SPX587AT-5-0/TR ....... % ............................ 5.0V ..................................  lead TO-2
SPX587AU ................... % ............................. Adj ...................................  lead TO-220
SPX587AU--5 ............. % ............................ .5V .................................  lead TO-220
SPX587AU--8 ............. % ............................ .8V .................................  lead TO-220
SPX587AU-2-5 ............. % ............................ 2.5V .................................  lead TO-220
SPX587AU-- ............. % ............................ .V .................................  lead TO-220
SPX587AU-5-0 ............. % ............................ 5.0V .................................  lead TO-220
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SPX587AU-5-0/TR = standard; SPX587AU-L-5-0/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-2 and 2,000 for TO-252.
For status updates,
http://www.sipex.com/productDetails.aspx?varpart=SPX587AR-L


Similar Part No. - SPX1587AU-1-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1587AU-1.5 SIPEX-SPX1587AU-1.5 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587AU-1.5 SIPEX-SPX1587AU-1.5 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX1587AU-1-5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com