Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1587AU-2-5 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1587AU-2-5
Description  3A Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587AU-2-5 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1587AU-2-5 Datasheet HTML 1Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 2Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 3Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 4Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 5Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 6Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 7Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 8Page - Sipex Corporation SPX1587AU-2-5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Jun8-07 Rev D
SPX587 Low-Dropout Voltage Regulator
© 2007 Sipex Corporation
Figure 9. 5V Regulator with Shutdown
SPX1587
VIN
R1
R2
10µF
10µF*
1k ,
330
1%
+
+
4.7µF
C1
*C 1 improves ripple rejection.
ZCshould be ~ R1 at ripple frequency
5V
ADJ
IN
OUT
(Note A)
V
OUT
Note A: VIN(MIN) = (Intended VOUT) + (V DROPOUT(MAX))
1%
1k
SPX1587
10µF
330
1%
+
+
4.7µF
5V
ADJ
IN
OUT
(Note A)
TTL
Input
2N3904
DROPOUT (MAX)
Note A: V
IN(MIN)= (Intended VOUT ) + (V
)
VIN
Figure 10. Recommended Connections for Best Results
Figure 8. Improving Ripple Rejection
SPX1587
R 2
R 1
Connect R2
to Load
R L
Connect R to
Case of Regulator
RPParasitic Line
Resistance
ADJ
VOUT
VIN
IN
OUT
IADJ
SPX1587
C1
R1
R2
VOUT
VIN
C2
VOUT = VREF (1+R 2 /R1) +IADJR 2
V
REF
50µA
ADJ
4.7µF +
Figure 7. Typical Adjustable Regulator
Figure 6. Current Source
LOAD
ADJ
SPX1587
V IN
C1
OUT
IN
4.7µF
C
2
IOUT
R1
VREF
R1
IOUT=
+
VOUT
APPLICATION INFORMATION: Continued
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 1000000
Frequency, Hz
Figure 5. Ripple Rejection; Vin=3.3V, Vout=1.8V (adj.),
Iload=200mA
1k
1k
1%


Similar Part No. - SPX1587AU-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1587AU-2.5 SIPEX-SPX1587AU-2.5 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587AU-2.5 SIPEX-SPX1587AU-2.5 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX1587AU-2-5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com