Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2815AU-5-0 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2815AU-5-0
Description  1.5A Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AU-5-0 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX2815AU-5-0 Datasheet HTML 2Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 3Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 4Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 5Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 6Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 7Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 8Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 9Page - Sipex Corporation SPX2815AU-5-0 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
PART NUMBERS
ACC.
TOP MARK
OUTPUT VOLTAGE
PACKAGE
SPX2815AR ............................. 1% .......... SPX2815ARYYWW..............Adj .................. 3 lead TO-252
SPX2815AR/TR ....................... 1% .......... SPX2815ARYYWW..............Adj .................. 3 lead TO-252
SPX2815AR-2-5 ...................... 1% ......... SPX2815AR25YYWW...........2.5V ................ 3 lead TO-252
SPX2815AR-2-5/TR ................. 1% ......... SPX2815AR25YYWW...........2.5V ................ 3 lead TO-252
SPX2815AR-3-3 ...................... 1% ......... SPX2815AR33YYWW...........3.3V ................ 3 lead TO-252
SPX2815AR-3-3/TR ................. 1% ......... SPX2815AR33YYWW...........3.3V ................ 3 lead TO-252
SPX2815AR-5-0 ...................... 1% ......... SPX2815AR50YYWW...........5.0V ................ 3 lead TO-252
SPX2815AR-5-0/TR ................. 1% ......... SPX2815AR50YYWW...........5.0V ................ 3 lead TO-252
SPX2815AT ............................. 1% ........... SPX2815ATYYWW..............Adj .................. 3 lead TO-263
SPX2815AT/TR ....................... 1% ........... SPX2815ATYYWW..............Adj .................. 3 lead TO-263
SPX2815AT-2-5 ....................... 1% ......... SPX2815AT25YYWW...........2.5V ................ 3 lead TO-263
SPX2815AT-2-5/TR ................. 1% ......... SPX2815AT25YYWW...........2.5V ................ 3 lead TO-263
SPX2815AT-3-3 ....................... 1% ......... SPX2815AT33YYWW...........3.3V ................ 3 lead TO-263
SPX2815AT-3-3/TR ................. 1% ......... SPX2815AT33YYWW...........3.3V ................ 3 lead TO-263
SPX2815AT-5-0 ....................... 1% ......... SPX2815AT50YYWW...........5.0V ................ 3 lead TO-263
SPX2815AT-5-0/TR ................. 1% ......... SPX2815AT50YYWW...........5.0V ................ 3 lead TO-263
SPX2815AU ............................. 1% .......... SPX2815AUYYWW..............Adj .................. 3 lead TO-220
SPX2815AU-2-5 ...................... 1% ......... SPX2815AU25YYWW...........2.5V ................ 3 lead TO-220
SPX2815AU-3-3 ...................... 1% ......... SPX2815AU33YYWW...........3.3V ................ 3 lead TO-220
SPX2815AU-5-0 ...................... 1% ......... SPX2815AU50YYWW...........5.0V ................ 3 lead TO-220
ORDERING INFORMATION
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SPX2815AU-5-0 = standard; SPX2815AU-L -5-0/TR = lead free.
Pack quantity is 500 for TO-263 and 2,000 for TO-252.
/TR = Tape and Reel
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Solved By Sipex
TM
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - SPX2815AU-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815AU-5-0 SIPEX-SPX2815AU-5-0 Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815AU-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com