Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX4040M-2.5 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX4040M-2.5
Description  Precision Micropower 2.5V ShuntVoltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040M-2.5 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX4040M-2.5 Datasheet HTML 1Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 2Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 3Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 4Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 5Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 6Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 7Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 8Page - Sipex Corporation SPX4040M-2.5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Date: 1/19/05
SPX4040 Micropower 2.5V Shunt Voltage Reference
© Copyright 2005 Sipex Corporation
VS
RS IQ + IL
SPX4040
VOUT
IL
IQ
VR
LM4250C
1M
VIN = 15V
10V
+
_
1.17M
3.5M
22M
150pF
7
8
6
4
3
2
IQ
SPX4040-2.5
IQ ≅ 2µA standby current
Figure 11. SPX4040 Fixed Shunt Regulator Application
Figure 12. Micropower 10V Reference
LM312
R1
100k
+
R2
C1
150pF
7
6
4
3
2
SPX4040-2.5
30V
IOUT*
2.5V to 27V
* IOUT =
5.0V
R2
3k
3.0V
SPX4040-2.5
2.5V
Figure 13. Precision 1
µA to mA Current Source
Figure 14. Reference from 3.0V Battery
4.3k
VIN = 3.3V to 30V
SPX4040-2.5
2.5V
LM334
Figure 15. Wide Input Range Reference
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - SPX4040M-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2M-2.5 SIPEX-SPX4040A2M-2.5 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2M-5.0 SIPEX-SPX4040A2M-5.0 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2N-2.5 SIPEX-SPX4040A2N-2.5 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2N-5.0 SIPEX-SPX4040A2N-5.0 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
More results

Similar Description - SPX4040M-2.5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
   1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
   1.2V / 2.5V Micropower Voltage Reference
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
   2.5V micropower shunt voltage reference
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
   1.2V / 2.5V Micropower Voltage Reference
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
   2.5V micropower shunt voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com