Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD230 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD230
Description  2.0 AMPS 50 - 300 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD230 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD230 Datasheet HTML 1Page - Solid States Devices, Inc SPD230 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage/Family
205 = 50V
210 = 100V
220 = 200V
230 = 300V
SPD205 thru SPD230
and
SPD205SMS thru SPD230SMS
2.0 AMPS
50 ─ 300 VOLTS
25 ns HYPERFAST RECOVERY
RECTIFIER
FEATURES:
Hyper Fast Reverse Recovery: 25ns Maximum 4/
PIV to 300 Volts
Hermetically Sealed
Low Forward Voltage Drop
Void Free Chip Construction
For High Efficiency Applications
Available in Axial & Square Tab Versions
TX, TXV, and S-Level Screening Available
2/
Replacement for: 1N 5802, US thru 1N5806, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD205
SPD210
SPD220
SPD230
VRRM
VRWM
VR
50
100
200
300
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C)
IO
2.0
Amps
Peak Surge Current
(8.3ms pulse, half sine wave superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
50
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
38
25
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0099E
DOC


Similar Part No. - SPD230

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD230 SSDI-SPD230 Datasheet
227Kb / 2P
   25 ns HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - SPD230

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5802 SSDI-SPD5802 Datasheet
148Kb / 2P
   LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SPD605 SSDI-SPD605 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD205 SSDI-SPD205_1 Datasheet
227Kb / 2P
   25 ns HYPERFAST RECOVERY RECTIFIER
1N7066 SSDI-1N7066 Datasheet
213Kb / 2P
   10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
SHF2340 SSDI-SHF2340 Datasheet
268Kb / 3P
   3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
SDA160A SSDI-SDA160A Datasheet
223Kb / 2P
   40 AMPS 50 ??300 VOLTS HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDR10D SSDI-SDR10D Datasheet
188Kb / 2P
   10 AMPS 200 - 1000 VOLTS 5 ns STANDARD RECOVERY RECTIFIER
SDR9JF SSDI-SDR9JF Datasheet
148Kb / 2P
   9.0 AMPS 600 - 1000 VOLTS 250 ns typical FAST RECOVERY RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
   50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com