Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHF1108 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SHF1108
Description  1 AMP 400 - 900 V Hyper Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF1108 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SHF1108 Datasheet HTML 1Page - Solid States Devices, Inc SHF1108 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHF1104 & SHF1104SMS
thru
SHF1109 & SHF1109SMS
Electrical Characteristic
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = 25ºC pulsed)
VF
1.35
VDC
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = -55ºC pulsed)
VF
1.5
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC pulsed)
IR
10
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC pulsed)
IR
1
mA
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25ºC)
tRR
40
nsec
Junction Capacitance
(VR=10VDC, TA=25ºC, f=1MHz)
CJ
22
pF
Case Outline: (Axial)
B
ØC
ØA
D
D
DIM
MIN
MAX
A
0.100”
0.130”
B
0.130”
0.180”
C
0.027”
0.033”
D
1.00”
--
Case Outline: (SMS)
C
B
A
A
D
DIM
MIN
MAX
A
0.127”
0.140”
B
0.180”
0.230”
C
0.020”
0.030”
D
0.002”
--


Similar Part No. - SHF1108

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1108 SSDI-SHF1108 Datasheet
207Kb / 2P
   1AMP 400-900V HYER FAST RECTIFIER
SHF1108 SSDI-SHF1108 Datasheet
105Kb / 2P
   Hyper Fast Rectifier
SHF1108S SSDI-SHF1108S Datasheet
207Kb / 2P
   1AMP 400-900V HYER FAST RECTIFIER
SHF1108SMS SSDI-SHF1108SMS Datasheet
207Kb / 2P
   1AMP 400-900V HYER FAST RECTIFIER
SHF1108SMSS SSDI-SHF1108SMSS Datasheet
207Kb / 2P
   1AMP 400-900V HYER FAST RECTIFIER
More results

Similar Description - SHF1108

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR429 SSDI-SDR429 Datasheet
157Kb / 2P
   1 AMP, 700 V Hyper Fast Rectifier
SDR1AHF SSDI-SDR1AHF Datasheet
72Kb / 2P
   1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SHF1204 SSDI-SHF1204 Datasheet
210Kb / 2P
   2AMP 400-900V Hyper Fast Rectifier
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
   30A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4006HF SSDI-SDR4006HF Datasheet
167Kb / 2P
   40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR6006HF SSDI-SDR6006HF Datasheet
167Kb / 2P
   60A 35nsec 400 to 600 V Hyper Fast Rectifier
SHA2952TX SSDI-SHA2952TX Datasheet
134Kb / 2P
   20A 35nsec 400 V Hyper Fast Positive Centertap Rectifier
SHF1304 SSDI-SHF1304 Datasheet
138Kb / 2P
   3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier
logo
Micro Commercial Compon...
BA157 MCC-BA157 Datasheet
371Kb / 3P
   1 Amp Fast Recovery Rectifier 400~1000 Volts
RA157E MCC-RA157E Datasheet
432Kb / 3P
   1 Amp Fast Recovery Rectifier 400~1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com