Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C420C479Z1R5HA Datasheet(PDF) 9 Page - Kemet Corporation

Part # C420C479Z1R5HA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C420C479Z1R5HA Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C420C479Z1R5HA Datasheet HTML 5Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 6Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 7Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 8Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 9Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 10Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 11Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 12Page - Kemet Corporation C420C479Z1R5HA Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
S
C315
C320
C330
C340
C350
H
*
C333
H
*.276 (7.00) MIN.
S
C323
H
*
S
*
C317
C322
S
D
.060
(1.52)
MAX.
L
T
*
C330
H
DIMENSIONS — INCHES & MILLIMETERS
CASE
L
H
T
S(1)
D
SIZE
MAX.
MAX.
MAX.
±.030 (.78)
+.004 (.10)- .001 (.025)
C315
.150 (3.81)
.210 (5.33)
.130 (3.30)
.100 (2.54)
.020 (.51)
C317
.150 (3.81)
.230 (5.84)
.130 (3.30)
.200 (5.08)
.020 (.51)
C320
.200 (5.08)
.260 (6.60)
.150 (3.81)
.100 (2.54)
.020 (.51)
C322
.200 (5.08)
.260 (6.60)
.150 (3.81)
.200 (5.08)
.020 (.51)
C323
.200 (5.08)
.320 (8.13)
.150 (3.81)
.200 (5.08)
.020 (.51)
C330
.300 (7.62)
.360 (9.14)
.200 (5.08)
.200 (5.08)
.020 (.51)
C333
.300 (7.62)
.390 (9.91)
.200 (5.08)
.200 (5.08)
.020 (.51)
C340
.400 (10.16)
.460 (11.68)
.200 (5.08)
.200 (5.08)
.020 (.51)
C350
.500 (12.70)
.560 (14.22)
.250 (6.35)
.400 (10.16)
.025 (.64)
For packaging information, see pages 40, and 41.
M
102
320
T
5
C
A
R
1
C
CERAMIC
CASE SIZE
(See Table Above)
SPECIFICATION
C — Standard
CAPACITANCE, CODE
Expressed in Picofarads (pF)
First Two Digits — Significant Figures
Third Digit — Number of Zeros (Use 9 for 1.0
thru 9.9 pF. Example: 2.2pF — 229)
FAILURE RATE
INTERNAL
CONSTRUCTION
CAPACITANCE TOLERANCE
D —
±0.5 pF
F —
±1%
G —
±2%
J —
±5%
A — Not Applicable
K —
±10%
M —
±20%
Z — -20, +80%
TERMINATION MATERIAL
T — 100% Tin
H — SnPb
C — 100% Sn
(Not recommended for new design)
5 — Standard
DIELECTRIC
EIA Designation
G — C0G (NP0) — Ultra-Stab
le
R — X7R — Stable
U — Z5U — General Pur
pose
RATED VOLTAGE
2 — 200
1 — 100
5 —
50
C — 500
D —1000
*
*Part Number Example: C320C102M1R5CA (14 digits – no spaces)
P — 0%, +100%
F — 1500
G — 2000
Z — 2500
H — 3000
ORDERING INFORMATION
Drawings are not to scale. See table below for dimensions.
See page 10 for optional lead configurations.
STANDARD LEAD CONFIGURATION — OUTLINE DRAWINGS
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
9
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
NOTE: 1 inch = 25.4 mm.
NOTE: (1) Measured at seating plane.
Case
Size
L
Max.
H.
Max
Standard
T
Max.
High
Voltage
T Max.
S(1)
±.030 (.78)
D
+.004(.10)
-.001(.025)
C315
0.150 (3.81)
0.210 (5.33)
0.100
0.150
0.100 (2.54)
0.020 (.51)
C317
0.150 (3.81)
0.230 (5.84)
0.100
0.150
0.200 (5.08)
0.020 (.51)
C320
0.200 (5.08)
0.260 (6.60)
0.125
0.200
0.100 (2.54)
0.020 (.51)
C322
0.200 (5.08)
0.260 (6.60)
0.125
0.200
0.200 (5.08)
0.020 (.51)
C323
0.200 (5.08)
0.320 (8.13)
0.125
0.200
0.200 (5.08)
0.020 (.51)
C330
0.300 (7.62)
0.360 (9.14)
0.150
0.250
0.200 (5.08)
0.020 (.51)
C333
0.300 (7.62)
0.390 (9.91)
0.150
0.250
0.200 (5.08)
0.020 (.51)
C340
0.400 (10.16)
0.460 (11.68)
0.150
0.270
0.200 (5.08)
0.020 (.51)
C350
0.500 (12.70)
0.560 (14.22)
0.200
0.270
0.400 (10.16)
0.025 (.64)


Similar Part No. - C420C479Z1R5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C420C472B1G5HA7200 KEMET-C420C472B1G5HA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C420C472B1G5HA7200 KEMET-C420C472B1G5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C420C472B1G5HA7293 KEMET-C420C472B1G5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C420C472B1G5TA7200 KEMET-C420C472B1G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C420C472B1G5TA7200 KEMET-C420C472B1G5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C420C479Z1R5HA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com