Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T499C156K010ATE15K Datasheet(PDF) 3 Page - Kemet Corporation

Part # T499C156K010ATE15K
Description  Tantalum Chip Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T499C156K010ATE15K Datasheet(HTML) 3 Page - Kemet Corporation

  T499C156K010ATE15K Datasheet HTML 1Page - Kemet Corporation T499C156K010ATE15K Datasheet HTML 2Page - Kemet Corporation T499C156K010ATE15K Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T499 Ratings & Part Number Reference
Land Pattern Dimensions
for Reflow Solder
KEMET/
EIA Size
Code
Pad Dimensions
Z
G
X
Y
(Ref)
C
(Ref)
A/3216-18
4.70
0.80
1.50
1.95
2.75
B/3528-21
5.00
1.10
2.50
1.95
3.05
C/6032-28
7.60
2.50
2.50
2.55
5.05
D/7343-31
8.90
3.80
2.70
2.55
6.35
X/7343-43
8.90
3.80
4.40
2.55
6.35
Case Codes
Tape & Reel Dimensions
KEMET
EIA
Tape
Width
(mm)
Pitch
mm ± 0.1
Reel Quantity
Part Sprocket
180mm
(7”)
330mm
(13”)
A
3216-18
8 ± 0.3
8
4
2000
9000
B
3528-21
8 ± 0.3
8
4
2000
8000
C
6032-28 12 ± 0.3
8
4
500
3000
D
7343-31 12 ± 0.3
8
4
500
2500
X
7343-43 12 ± 0.3
8
4
500
2000
Packaging Specifications
Component Marking
227
10K
535
Polarity
Indicator (+)
Picofarad
Code
Rated
Voltage
Print Week Code
1st Digit = Year
2nd & 3rd Digits = Week
“535” = 35th Week of 2005
H+
KEMET ID
(H+)
KEMET
High
Temp
175°C
(1) To complete KEMET part number, insert K - ± 10% or M - ±20% capacitance
tolerance.
(2) To complete KEMET part number, insert Lead Material T = 100% Tin; G = Gold;
H = SnPb.
** 6 volt product equivalent to 6.3 volt product.
Capaci-
tance
μF
Case
Size
KEMET
Part Number
DC
Leakage
μμA@
25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
Ω
@ +25°C
100 kHz
Max
20 Volt Rating at +85ºC (10 Volt Rating at +175ºC)
0.68
A
T499A684(1)020A(2)E12K
0.5
4
12.0
1.0
A
T499A105(1)020A(2)E10K
0.5
4
10.0
1.5
A
T499A155(1)020A(2)E8K0
0.5
6
8.0
2.2
B
T499B225(1)020A(2)E3K5
0.5
6
3.5
3.3
B
T499B335(1)020A(2)E3K5
0.5
6
3.5
4.7
B
T499B475(1)020A(2)E3K5
0.5
6
3.5
4.7
C
T499C475(1)020A(2)E2K4
0.9
6
2.4
6.8
C
T499C685(1)020A(2)E1K9
1.4
6
1.9
10.0
C
T499C106(1)020A(2)E1K8
2.0
6
1.8
15.0
C
T499C156(1)020A(2)E1K7
3.0
6
1.7
15.0
D
T499D156(1)020A(2)E1K0
3.0
6
1.0
22.0
D
T499D226(1)020A(2)E800
4.4
6
0.8
25 Volt Rating at +85ºC (12.5 Volt Rating at +175ºC)
0.47
A
T499A474(1)025A(2)E14K
0.5
4
14.0
0.68
A
T499A684(1)025A(2)E10K
0.5
4
10.0
1.0
A
T499A105(1)025A(2)E8K0
0.5
4
8.0
1.5
B
T499B155(1)025A(2)E5K0
0.5
6
5.0
2.2
B
T499B225(1)025A(2)E4K5
0.6
6
4.5
3.3
C
T499C335(1)025A(2)E2K5
0.8
6
2.5
4.7
C
T499C475(1)025A(2)E2K4
1.2
6
2.4
6.8
C
T499C685(1)025A(2)E1K9
1.7
6
1.9
6.8
D
T499D685(1)025A(2)E1K1
1.7
6
1.1
10.0
C
T499C106(1)025A(2)E1K5
2.0
6
1.5
10.0
D
T499D106(1)025A(2)E1K0
2.5
6
1.0
15.0
D
T499D156(1)025A(2)E1K0
3.8
6
1.0
22.0
D
T499D226(1)025A(2)E800
5.5
6
0.8
33.0
D
T499D336(1)025A(2)E700
8.3
6
0.7
35 Volt Rating at +85ºC (17.5 Volt Rating at +175ºC)
0.15
A
T499A154(1)035A(2)E19K
0.5
4
19.0
0.22
A
T499A224(1)035A(2)E18K
0.5
4
18.0
0.33
A
T499A334(1)035A(2)E15K
0.5
4
15.0
0.47
B
T499B474(1)035A(2)E8K0
0.5
4
8.0
0.68
B
T499B684(1)035A(2)E6K5
0.5
4
6.5
1.0
A
T499A105(1)035A(2)E10K
0.5
4
10.0
1.0
B
T499B105(1)035A(2)E5K0
0.5
4
5.0
1.5
C
T499C155(1)035A(2)E4K5
0.5
6
4.5
2.2
C
T499C225(1)035A(2)E3K5
0.5
6
3.5
3.3
C
T499C335(1)035A(2)E2K5
1.2
6
2.5
4.7
C
T499C475(1)035A(2)E2K5
1.3
6
2.5
4.7
D
T499D475(1)035A(2)E1K5
1.0
6
1.5
6.8
D
T499D685(1)035A(2)E1K3
2.4
6
1.3
10.0
D
T499D106(1)035A(2)E1K0
3.5
6
1.0
22.0
X
T499X226(1)035A(2)E700
7.7
6
0.7
33.0
X
T499X336(1)035A(2)E600
11.6
6
0.6
50 Volt Rating at +85ºC (25 Volt Rating at +175ºC)
3.3
D
T499D335(1)050A(2)E2K0
1.7
6
2.0
10.0
D
T499D106(1)050A(2)E1K0
5.0
6
1.0
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com


Similar Part No. - T499C156K010ATE15K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499C156K016ATE1K8 KEMET-T499C156K016ATE1K8 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 15 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm
More results

Similar Description - T499C156K010ATE15K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211P-016 ABRACON-ATCC-211P-016 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
logo
AVX Corporation
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com