Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7152 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7152
Description  Digital Video Comb Filter DCF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7152 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7152 Datasheet HTML 7Page - NXP Semiconductors SAA7152 Datasheet HTML 8Page - NXP Semiconductors SAA7152 Datasheet HTML 9Page - NXP Semiconductors SAA7152 Datasheet HTML 10Page - NXP Semiconductors SAA7152 Datasheet HTML 11Page - NXP Semiconductors SAA7152 Datasheet HTML 12Page - NXP Semiconductors SAA7152 Datasheet HTML 13Page - NXP Semiconductors SAA7152 Datasheet HTML 14Page - NXP Semiconductors SAA7152 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
August 1996
11
Philips Semiconductors
Product specification
Digital Video Comb Filter (DCF)
SAA7152
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor; inputs and outputs are protected
against electrostatic discharge in normal handling. Normal precautions appropriate to handle MOS devices is
recommended (see
“Handling MOS Devices”).
CHARACTERISTICS
VDD1 to VDD3 = 5 V; Tamb = 0 to 70 °C and measurements taken in Fig.1 unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage (pins 11, 34, 44)
−0.5
7.0
V
VI
voltage on all inputs
−0.5
VDD + 0.5
V
VO
voltage on all outputs (IO max = 20 mA)
−0.5
VDD + 0.5
V
Ptot
total power dissipation
1.0
W
Tstg
storage temperature range
−65
150
°C
Tamb
operating ambient temperature range
0
70
°C
VESD
electrostatic handling(1) for all pins
−±2000
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage range (pins 11, 34, 44)
4.5
5.0
5.5
V
IDD
total supply current (pins 11, 34, 44)
VDD = 5 V; inputs LOW;
outputs not connected
85
180
mA
I2C-bus, SDA and SCL (pins 23 and 24)
VIL
input voltage LOW
−0.5
1.5
V
VIH
input voltage HIGH
3
VDD+0.5
V
I23, 24
input current
−−±10
µA
IACK
output current on pin 23
acknowledge
3
−−
mA
VOL
output voltage at acknowledge
I23 = 3 mA
−−
0.4
V
Data and clock inputs (pins 2 to 10 and pins 13 to 20)
VIL
LL27 input voltage (pin 2)
LOW
−0.5
0.6
V
VIH
HIGH
2.4
VDD+0.5
V
VIL
other input voltages
LOW
−0.5
0.8
V
VIH
HIGH
2.0
VDD+0.5
V
Ileak
input leakage current
−−
10
µA
CI
input capacitance
data inputs
−−
8pF
clock inputs
−−
10
pF
tSU.DAT
input data set-up time
Fig.8
11
−−
ns
tHD.DAT
input data hold time
3
−−
ns


Similar Part No. - SAA7152

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
SAA7154EG NXP-SAA7154EG Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
More results

Similar Description - SAA7152

ManufacturerPart #DatasheetDescription
logo
Micronas
VPC323XD MICRONAS-VPC323XD Datasheet
1Mb / 78P
   Comb Filter Video Processor
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com