Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448WS Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 1N4448WS
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4448WS Datasheet(HTML) 2 Page - Won-Top Electronics

  1N4448WS Datasheet HTML 1Page - Won-Top Electronics 1N4448WS Datasheet HTML 2Page - Won-Top Electronics 1N4448WS Datasheet HTML 3Page - Won-Top Electronics 1N4448WS Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4448WS
2 of 4
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
1N4448WS
Unit
Forward Voltage Drop
@ IF = 5.0mA
@ IF = 100mA
VFM
0.72
1.0
V
Peak Reverse Leakage Current
@ VR = 75V
IRM
2.5
µA
Junction Capacitance (VR = 0V DC, f = 1.0MHz)
Cj
4.0
pF
Reverse Recovery Time (Note 2)
trr
4.0
nS
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Measured with IF = IR = 10mA, IRR = 0.1 x IR, RL = 100
.
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
1
10
100
1000
10,000
0
100
200
T , JUNCTION TEMPERATURE (°C)
Fig. 2 Leakage Current vs Junction Temperature
j
V = 20V
R


Similar Part No. - 1N4448WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4448WS PANJIT-1N4448WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
1N4448WS JIANGSU-1N4448WS Datasheet
701Kb / 4P
   FAST SWITCHING DIODE
logo
Guangdong Juxing Electr...
1N4448WS JUXING-1N4448WS Datasheet
1Mb / 2P
   200mW Surface Mount Switching Didoe
logo
Tak Cheong Electronics ...
1N4448WS TAK_CHEONG-1N4448WS Datasheet
660Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
Gaomi Xinghe Electronic...
1N4448WS GXELECTRONICS-1N4448WS Datasheet
544Kb / 2P
   Small Signal Diode
More results

Similar Description - 1N4448WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com