Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4933G Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 1N4933G
Description  1.0A GLASS PASSIVATED FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4933G Datasheet(HTML) 2 Page - Won-Top Electronics

  1N4933G Datasheet HTML 1Page - Won-Top Electronics 1N4933G Datasheet HTML 2Page - Won-Top Electronics 1N4933G Datasheet HTML 3Page - Won-Top Electronics 1N4933G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4933G – 1N4937G
2 of 4
© 2006 Won-Top Electronics

0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Derating Curve
A
Single phase half-wave
60 Hz resistive or inductive load
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25°C
j
Pulse width = 300 µs


Similar Part No. - 1N4933G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rectron Semiconductor
1N4933G RECTRON-1N4933G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
1N4933G CHENDA-1N4933G Datasheet
643Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Jinan Gude Electronic D...
1N4933G JGD-1N4933G Datasheet
140Kb / 2P
   1.0 AMP . FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

Similar Description - 1N4933G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR101G WTE-FR101G Datasheet
55Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR101G ZSELEC-FR101G Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
1F1G ZSELEC-1F1G Datasheet
135Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
DFR1A ZSELEC-DFR1A Datasheet
92Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
BA157G ZSELEC-BA157G Datasheet
85Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR101W ZSELEC-FR101W Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG100R ZSELEC-PG100R Datasheet
135Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com