Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7182A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7182A
Description  Digital Video Encoder EURO-DENC2
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7182A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7182A Datasheet HTML 4Page - NXP Semiconductors SAA7182A Datasheet HTML 5Page - NXP Semiconductors SAA7182A Datasheet HTML 6Page - NXP Semiconductors SAA7182A Datasheet HTML 7Page - NXP Semiconductors SAA7182A Datasheet HTML 8Page - NXP Semiconductors SAA7182A Datasheet HTML 9Page - NXP Semiconductors SAA7182A Datasheet HTML 10Page - NXP Semiconductors SAA7182A Datasheet HTML 11Page - NXP Semiconductors SAA7182A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
1996 Oct 02
8
Philips Semiconductors
Preliminary specification
Digital Video Encoder (EURO-DENC2)
SAA7182A; SAA7183A
Y
71
59
Analog output of VBS signal.
VDDA8
72
60
Analog supply voltage 8 for the Y/C/CVBS DACs.
CVBS
73
61
Analog output of the CVBS signal.
VDDA9
74
62
Analog supply voltage 9 for the Y/C/CVBS DACs.
TESTB
75
63
Analog test pin. Leave open-circuit for normal operation.
VSSA3
76
64
Analog ground 3 for the DACs.
AP
77
65
Test pin. Connected to digital ground for normal operation.
SP
78
66
Test pin. Connected to digital ground for normal operation.
VSSD8
79
69
digital ground 8
VDDD8
80
76
digital supply voltage 8 (3.3 V)
VSSD9
81
74
digital ground 9
VDDD9
82
70
digital supply voltage 9 (5 V)
SCL
83
71
I2C-bus serial clock input.
SDA
84
72
I2C-bus serial data input/output.
SYMBOL
PIN
DESCRIPTION
PLCC84
QFP80


Similar Part No. - SAA7182A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7182AWP PHILIPS-SAA7182AWP Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
More results

Similar Description - SAA7182A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
   Digital Video Encoder DENC2
1996 Jul 08
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
   Digital video encoder DENC2-SQ
1995 Sep 21
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
SAA7182 PHILIPS-SAA7182 Datasheet
268Kb / 40P
   Digital Video Encoder EURO-DENC
1996 Jul 08
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com