Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7183A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7183A
Description  Digital Video Encoder EURO-DENC2
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7183A Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7183A Datasheet HTML 1Page - NXP Semiconductors SAA7183A Datasheet HTML 2Page - NXP Semiconductors SAA7183A Datasheet HTML 3Page - NXP Semiconductors SAA7183A Datasheet HTML 4Page - NXP Semiconductors SAA7183A Datasheet HTML 5Page - NXP Semiconductors SAA7183A Datasheet HTML 6Page - NXP Semiconductors SAA7183A Datasheet HTML 7Page - NXP Semiconductors SAA7183A Datasheet HTML 8Page - NXP Semiconductors SAA7183A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1996 Oct 02
3
Philips Semiconductors
Preliminary specification
Digital Video Encoder (EURO-DENC2)
SAA7182A; SAA7183A
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA3
3.3 V analog supply voltage
3.1
3.3
3.5
V
VDDD3
3.3 V digital supply voltage
3.0
3.3
3.6
V
VDDD5
5 V digital supply voltage
4.75
5.0
5.25
V
IDDA
analog supply current
−−
110
mA
IDDD3
3.3 V digital supply current
−−
80
mA
IDDD5
5 V digital supply current
−−
10
mA
Vi
input signal voltage levels
TTL compatible
Vo(p-p)
analog output signal voltages Y, C, CVBS and RGB without load
(peak-to-peak value)
1.4
V
RL
load resistance
75
300
ILE
LF integral linearity error
−−±2
LSB
DLE
LF differential linearity error
−−±1
LSB
Tamb
operating ambient temperature
0
+70
°C


Similar Part No. - SAA7183A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7183A PHILIPS-SAA7183A Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7183AWP PHILIPS-SAA7183AWP Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
More results

Similar Description - SAA7183A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
   Digital Video Encoder DENC2
1996 Jul 08
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
   Digital video encoder DENC2-SQ
1995 Sep 21
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
SAA7182 PHILIPS-SAA7182 Datasheet
268Kb / 40P
   Digital Video Encoder EURO-DENC
1996 Jul 08
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com