Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7182AWP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7182AWP
Description  Digital Video Encoder EURO-DENC2
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7182AWP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7182AWP Datasheet HTML 7Page - NXP Semiconductors SAA7182AWP Datasheet HTML 8Page - NXP Semiconductors SAA7182AWP Datasheet HTML 9Page - NXP Semiconductors SAA7182AWP Datasheet HTML 10Page - NXP Semiconductors SAA7182AWP Datasheet HTML 11Page - NXP Semiconductors SAA7182AWP Datasheet HTML 12Page - NXP Semiconductors SAA7182AWP Datasheet HTML 13Page - NXP Semiconductors SAA7182AWP Datasheet HTML 14Page - NXP Semiconductors SAA7182AWP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
1996 Oct 02
11
Philips Semiconductors
Preliminary specification
Digital Video Encoder (EURO-DENC2)
SAA7182A; SAA7183A
FUNCTIONAL DESCRIPTION
The digital video encoder (EURO-DENC2) encodes digital
luminance and colour difference signals into analog CVBS
and simultaneously S-Video signals. NTSC-M, PAL B/G,
SECAM standards and sub-standards are supported.
Both interlaced and non-interlaced operation is possible
for all standards.
In addition, the de-matrixed Y, Cb, and Cr input is
available on three separate analog outputs as RED,
GREEN and BLUE. Under software control the dematrix
can be by-passed to output digital-to-analog converted Cr,
Y, and Cb signals on RGB outputs. Separate digital gain
adjustment for luminance and colour difference signals is
available.
Analog on-chip multiplexing between internal
digital-to-analog converted RGB and external RI, GI and
BI signals is also supported.
The basic encoder function consists of subcarrier
generation, colour modulation and insertion of
synchronization signals. Luminance and chrominance
signals are filtered in accordance with the standard
requirements of “
RS-170-A” and “CCIR 624”.
For ease of analog post filtering the signals are twice
oversampled with respect to the pixel clock before
digital-to-analog conversion.
For total filter transfer characteristics see
Figs 5, 6, 7, 8, 9 and 10. The DACs for Y, C, and CVBS
are realized with full 10-bit resolution, DACs for RGB are
with 9-bit resolution.
The MPEG port (MP) accept 8 line multiplexed Cb, Y, Cr
data.
The 8-bit multiplexed Cb-Y-Cr formats are “
CCIR 656”
(D1 format) compatible, but the SAV and EAV codes can
be decoded optionally, when the device is to operate in
slave mode.
Alternatively, 8-bits Y on MP port and 8-bit multiplexed Cb,
Cr on DP port can be chosen as input.
A crystal-stable master clock (LLC) of 27 MHz, which is
twice the CCIR line-locked pixel clock of 13.5 MHz, needs
to be supplied externally. Optionally, a crystal oscillator
input/output pair of pins and an on-chip clock driver is
provided.
It is also possible to connect a Philips Digital Video
Decoder (SAA7111 or SAA7151B) in conjunction with a
CREF clock qualifier to EURO-DENC2. Via the RTCI pin,
connected to RTCO of a decoder, information concerning
actual subcarrier, PAL-ID, and if connected to SAA7111,
definite subcarrier phase can be inserted.
The EURO-DENC2 synthesizes all necessary internal
signals, colour subcarrier frequency, and synchronization
signals, from that clock.
European teletext encoding is supported if an appropriate
teletext bitstream is applied to the TTX pin.
Wide screen signalling data can be loaded via the I2C-bus,
and is inserted into line 23 for standards using 50 Hz field
rate.
The IC also contains Closed Caption and Extended Data
Services Encoding (Line 21), and supports anti-taping
signal generation in accordance with Macrovision; it also
supports overlay via KEY and three control bits by a
24
× 8 LUT.
A number of possibilities are provided for setting different
video parameters such as:
Black and blanking level control
Colour subcarrier frequency
Variable burst amplitude etc.
During reset (RESET = LOW) and after reset is released,
all digital I/O stages are set to input mode. A reset forces
the I2C-bus interface to abort any running bus transfer and
sets register 3A to 03H, register 61 to 06H and
registers 6BH and 6EH to 00H. All other control registers
are not influenced by a reset.
Data manager
In the data manager, real time arbitration on the data
stream to be encoded is performed.
Depending on the polarity of pin KEY, the MP input
(or MP/DP input) or OVL input are selected to be encoded
to CVBS and Y/C signals, and output as RGB.
KEY controls OVL entries of a programmable LUT for
encoded signals and for RGB output. The common KEY
switching signal can be disabled by software for the
signals to be encoded (Y, C and CVBS), such that OVL will
appear on RGB outputs, but not on Y, C and CVBS.
OVL input under control of KEY can be also used to insert
decoded teletext information or other on-screen data.
Optionally, the OVL colour LUTs located in this block, can
be read out in a pre-defined sequence (8 steps per active
video line), achieving, for example, a colour bar test
pattern generator without need for an external data
source. The colour bar function is only under software
control.


Similar Part No. - SAA7182AWP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7182AWP PHILIPS-SAA7182AWP Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
More results

Similar Description - SAA7182AWP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
   Digital Video Encoder DENC2
1996 Jul 08
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
   Digital video encoder DENC2-SQ
1995 Sep 21
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
SAA7182 PHILIPS-SAA7182 Datasheet
268Kb / 40P
   Digital Video Encoder EURO-DENC
1996 Jul 08
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com